Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C2M32SA Datasheet(PDF) 14 Page - Alliance Semiconductor Corporation

Part # AS4C2M32SA
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA Datasheet(HTML) 14 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32SA Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 15Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 18Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
•
Burst Length Field (A2~A0)
This field specifies the data length of column access using the A2~A0 pins and selects the Burst Length
to be 2, 4, 8, or full page.
Table 5. Burst Length Field
A2
A1
A0
Burst Length
0
0
0
1
0
0
1
2
0
1
0
4
0
1
1
8
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Full Page
•
Burst Type Field (A3)
The Burst Type can be one of two modes, Interleave Mode or Sequential
Mode.
Table 6. Burst Type Field
A3
Burst Type
0
Sequential
1
Interleave
•
Burst Definition, Addressing Sequence of Sequential and Interleave Mode
Table 7. Burst Definition
Burst Length
Start Address
Sequential
Interleave
A2
A1
A0
2
X
X
0
0, 1
0, 1
X
X
1
1, 0
1, 0
4
X
0
0
0, 1, 2, 3
0, 1, 2, 3
X
0
1
1, 2, 3, 0
1, 0, 3, 2
X
1
0
2, 3, 0, 1
2, 3, 0, 1
X
1
1
3, 0, 1, 2
3, 2, 1, 0
8
0
0
0
0, 1, 2, 3, 4, 5, 6, 7
0, 1, 2, 3, 4, 5, 6, 7
0
0
1
1, 2, 3, 4, 5, 6, 7, 0
1, 0, 3, 2, 5, 4, 7, 6
0
1
0
2, 3, 4, 5, 6, 7, 0, 1
2, 3, 0, 1, 6, 7, 4, 5
0
1
1
3, 4, 5, 6, 7, 0, 1, 2
3, 2, 1, 0, 7, 6, 5, 4
1
0
0
4, 5, 6, 7, 0, 1, 2, 3
4, 5, 6, 7, 0, 1, 2, 3
1
0
1
5, 6, 7, 0, 1, 2, 3, 4
5, 4, 7, 6, 1, 0, 3, 2
1
1
0
6, 7, 0, 1, 2, 3, 4, 5
6, 7, 4, 5, 2, 3, 0, 1
1
1
1
7, 0, 1, 2, 3, 4, 5, 6
7, 6, 5, 4, 3, 2, 1, 0
Full page
location = 0-255
n, n+1, n+2, n+3,
…255,
0, 1, 2,
… n-1, n, …
Not
Support
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-14/54-
Rev.1.0 Sep. 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com