Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C2M32SA Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS4C2M32SA
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32SA Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
Commands
1
BankActivate
(RAS# = "L", CAS# = "H", WE# = "H", BAs = Bank, A0-A10 = Row Address)
The BankActivate command activates the idle bank designated by the BA0, 1 signal. By latching the
row address on A0 to A10 at the time of this command, the selected row access is initiated. The read or
write operation in the same bank can occur after a time delay of tRCD(min.) from the time of bank
activation. A subsequent BankActivate command to a different row in the same bank can only be issued
after the previous active row has been precharged (refer to the following figure). The minimum time
interval between successive BankActivate commands to the same bank is defined by tRC(min.). The
SDRAM has four internal banks on the same chip and shares part of the internal circuitry to reduce chip
area; therefore it restricts the back-to-back activation of the two banks. tRRD(min.) specifies the
minimum time required between activating different banks. After this command is used, the Write
command and the Block Write command perform the no mask write operation.
Figure 3. BankActivate Command Cycle (Burst Length = n)
CLK
COMMAND
T0
T1
ADDRESS
T2
T3
Tn+3 Tn+4
Tn+5
Tn+6
RAS# - CAS# delay(tRCD)
RAS# - RAS# delay time(tRRD)
RAS# - Cycle time(tRC)
AutoPrecharge
Begin
Bank A
Row Addr.
Bank A
Col Addr.
Bank B
Row Addr.
Bank A
Row Addr.
Bank A
Activate
NOP
NOP
R/W A with
AutoPrecharge
Bank B
Activate
NOP
NOP
Bank A
Activate
Don’t Care
2
BankPrecharge command
(RAS# = "L", CAS# = "H", WE# = "L", BAs = Bank, A10 = "L", A0-A9 = Don't care)
The BankPrecharge command precharges the bank designated by BA signal. The precharged bank
is switched from the active state to the idle state. This command can be asserted anytime after
tRAS(min.) is satisfied from the BankActivate command in the desired bank. The maximum time any
bank can be active is specified by tRAS(max.). Therefore, the precharge function must be performed in
any active bank within tRAS(max.). At the end of precharge, the precharged bank is still in the idle state
and is ready to be activated again.
3
PrechargeAll command
(RAS# = "L", CAS# = "H", WE# = "L", BAs = Don’t care, A10 = "H", A0-A9 = Don't care)
The PrechargeAll command precharges all banks simultaneously and can be issued even if all
banks are not in the active state. All banks are then switched to the idle state.
4
Read command
(RAS# = "H", CAS# = "L", WE# = "H", BAs = Bank, A10 = "L", A0-A7 = Column Address)
The Read command is used to read a burst of data on consecutive clock cycles from an active row
in an active bank. The bank must be active for at least tRCD (min.) before the Read command is issued.
During read bursts, the valid data-out element from the starting column address will be available
following the CAS latency after the issue of the Read command. Each subsequent data-out element will
be valid by the next positive clock edge (refer to the following figure). The DQs go into high-impedance
at the end of the burst unless other command is initiated. The burst length, burst sequence, and CAS
latency are determined by the mode register, which is already programmed. A full-page burst will
continue until terminated (at the end of the page it will wrap to column 0 and continue.
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-7/54-
Rev.1.0 Sep. 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com