Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C2M32SA Datasheet(PDF) 53 Page - Alliance Semiconductor Corporation

Part # AS4C2M32SA
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA Datasheet(HTML) 53 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32SA Datasheet HTML 46Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 47Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 48Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 49Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 50Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 51Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 52Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 53Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 54Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
Figure 43. 86 Pin TSOP II Package Outline Drawing Information
y
86
1
D
θ°
L
L1
S
B
e
L
L1
43
44
Symbol
Dimension in inch
Dimension in mm
Min
Normal
Max
Min
Normal
Max
A
-
-
0.047
-
-
1.20
A1
0.002
0.004
0.008
0.05
0.10
0.2
A2
0.035
0.039
0.043
0.9
1
1.1
B
0.007
0.009
0.011
0.17
0.22
0.27
C
-
0.005
-
-
0.127
-
D
0.87
0.875
0.88
22.09
22.22
22.35
E
0.395
0.400
0.405
10.03
10.16
10.29
e
-
0.0197
-
-
0.50
-
HE
0.455
0.463
0.471
11.56
11.76
11.96
L
0.016
0.020
0.024
0.40
0.50
0.60
L1
-
0.0315
-
-
0.80
-
S
-
0.024
-
-
0.61
-
y
-
-
0.004
-
-
0.10
θ
0°˚
-
8°˚
0°˚
-
8°˚
Notes:
1. Dimension D&E do not include interlead flash.
2. Dimension B does not include dambar protrusion/intrusion.
3. Dimension S includes end flash.
4. Controlling dimension: mm
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-53/54-
Rev.1.0 Sep. 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com