Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C2M32SA Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C2M32SA
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C2M32SA Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
Features
• Fast access time: 5.4/5.4 ns
• Fast Clock rate: 166/143 MHz
• Fully synchronous operation
• Internal pipelined architecture
• Four internal banks (512K x 32bit x 4bank)
• Programmable Mode
- CAS Latency: 2 or 3
- Burst Length: 1, 2, 4, 8, or full page
- Burst Type: Sequential or Interleaved
- Burst-Read-Single-Write
• Burst stop function
• Individual byte controlled by DQM0-3
• Auto Refresh and Self Refresh
• Operating Temperature:
- Commercial (0
°C~+70°C)
- Industrial (-40
°C~+85°C)
• 4096 refresh cycles/64ms
• Single +3.3V ± 0.3V power supply
• Interface: LVTTL
• Package:
- 86-pin 400 x 875 mil plastic TSOP II package (Pb and Halogen Free)
Overview
The 64Mb SDRAM is a high-speed CMOS synchronous
DRAM
containing
67,108,864bits.
It
is
internally
configured
as
a
quad
512K
x
32
DRAM
with
a
synchronous interface (all signals are registered on the
positive edge of the clock signal, CLK). Each of the 512K
x 32 bit banks is organized as 2048 rows by 256 columns
by 32 bits. Read and write accesses to the SDRAM are
burst oriented; accesses start at a selected location and
continue for a programmed number of locations in a
programmed
sequence.
Accesses
begin
with
the
registration of a Bank Activate command which is then
followed by a Read or Write command.
The SDRAM provides for programmable Read or Write
burst lengths of 1, 2, 4, 8, or full page, with a burst
termination option. An auto precharge function may be
enabled to provide a self-timed row precharge that is
initiated at the end of the burst sequence. The refresh
functions, either Auto or Self Refresh are easy to use. By
having a programmable mode register, the system can
choose
the
most
suitable
modes
to
maximize
its
performance.
These
devices
are
well
suited
for
applications requiring high memory bandwidth.
Table
1. Ordering Information
Product part No
Org
Temperature
Max Clock (MHz)
AS4C
2M32SA-6TIN
Industrial -40°C to +85°C
Package
86-pin TSOP II
AS4C
2M32SA-6TCN
Commercial 0°C to +70°C
AS4C
2M32SA-7TCN
Commercial 0°C to +70°C
86-pin TSOP II
86-pin TSOP II
143 MHz
166 MHz
166 MHz
2M x 32
2M x 32
2M x 32
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-2/54-
Rev.1.0 Sep. 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com