Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9902 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP9902
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP9902 Datasheet HTML 20Page - Microchip Technology MCP9902 Datasheet HTML 21Page - Microchip Technology MCP9902 Datasheet HTML 22Page - Microchip Technology MCP9902 Datasheet HTML 23Page - Microchip Technology MCP9902 Datasheet HTML 24Page - Microchip Technology MCP9902 Datasheet HTML 25Page - Microchip Technology MCP9902 Datasheet HTML 26Page - Microchip Technology MCP9902 Datasheet HTML 27Page - Microchip Technology MCP9902 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
MCP9902/3/4
DS20005382C-page 24
 2015-2016 Microchip Technology Inc.
REGISTER 5-5:
STATUS: STATUS REGISTER REPORTING STATE OF INTERNAL AND
EXTERNAL DIODES (ADDRESS 02H)
RC-0
RC-0
RC-0
RC-0
RC-0
RC-0
RC-0
RC-0
BUSY
IHIGH
ILOW
EHIGH
ELOW
FAULT
ETHRM
ITHRM
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7
BUSY
: This bit indicates that the ADC is currently converting. This bit does not cause either the
ALERT/THERM2 or THERM pin to be asserted.
1
= ADC is currently converting
0
= ADC is not converting
6
IHIGH
: This bit indicates the Internal Diode channel exceeds its programmed high limit. When set, this
bit will assert the ALERT/THERM2 pin.
1
= Reported temperature above the high limit
0
= Reported temperature is not above the high limit
5
ILOW
: This bit indicates the Internal Diode channel drops below its programmed low limit. When set,
this bit will assert the ALERT/THERM2 pin.
1
= Reported temperature below the low limit
0
= Reported temperature is not below the low limit
4
EHIGH
: This bit indicates the External Diode channel exceeds its programmed high limit. When set,
this bit will assert the ALERT/THERM2 pin.
1
= Reported temperature above the high limit
0
= Reported temperature is not above the high limit
3
ELOW
: This bit indicates the External Diode channel drops below its programmed low limit. When set,
this bit will assert the ALERT/THERM2 pin.
1
= Reported temperature below the low limit
0
= Reported temperature is not below the low limit
2
FAULT
: This bit indicates when a diode fault is detected. When set, this bit will assert the
ALERT/THERM2 pin.
1
= Open circuit or short of a diode
0
= No fault reported
1
ETHRM
: This bit indicates the External Diode channel exceeds the programmed Therm Limit. When
set, this bit will assert the THERM pin. This bit will remain set until the THERM pin is released at which
point it will be automatically cleared.
1
= Reported temperature above the high limit
0
= Reported temperature is not above the high limit
0
ITHRM
: This bit is set when the Internal Diode channel exceeds the programmed Therm Limit. When
set, this bit will assert the THERM pin. This bit will remain set until the THERM pin is released at which
point it will be automatically cleared.
1
= Reported temperature above the high limit
0
= Reported temperature is not above the high limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com