Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9902 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP9902
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP9902 Datasheet HTML 7Page - Microchip Technology MCP9902 Datasheet HTML 8Page - Microchip Technology MCP9902 Datasheet HTML 9Page - Microchip Technology MCP9902 Datasheet HTML 10Page - Microchip Technology MCP9902 Datasheet HTML 11Page - Microchip Technology MCP9902 Datasheet HTML 12Page - Microchip Technology MCP9902 Datasheet HTML 13Page - Microchip Technology MCP9902 Datasheet HTML 14Page - Microchip Technology MCP9902 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
 2015-2016 Microchip Technology Inc.
DS20005382C-page 11
MCP9902/3/4
4.7
Temperature Measurement
The MCP9902/3/4 can monitor the temperature of up
to three externally connected diodes.
The device contains programmable High, Low and
Therm limits for all measured temperature channels. If
the measured temperature goes below the Low limit or
above the High limit, the ALERT/THERM2 pin can be
asserted (based on user settings). If the measured
temperature meets or exceeds the Therm Limit, the
THERM pin is asserted unconditionally, providing two
tiers of temperature detection.
4.8
Beta Compensation
The MCP9902/3/4 is configured to monitor the
temperature of basic diodes (e.g., 2N3904) or CPU
thermal diodes. For the MCP9902/3/4, the External
Diode 1 channel automatically detects the type of
external diode and determines the optimal setting to
reduce temperature errors introduced by beta variation.
Compensating for this error is also known as
implementing the transistor or BJT model for
temperature measurement.
For discrete transistors configured with the collector and
base shorted together, the beta is generally sufficiently
high such that the percent change in beta variation is
very small. For example, a 10% variation in beta for two
forced emitter currents with a transistor whose ideal
beta is 50 would contribute approximately +0.25°C error
at +100°C. However, for substrate transistors where the
base-emitter junction is used for temperature measure-
ment and the collector is tied to the substrate, the pro-
portional beta variation will cause large error. For
example, a 10% variation in beta for two forced emitter
currents with a transistor whose ideal beta is 0.5 would
contribute approximately +8.25°C error at +100°C.
The MCP9904 does not support Beta Compensation on
External Diode 2 and External Diode 3 channels due to
the high beta of diode-connected transistors.
Care should be taken when setting the BETA<2:0> bits if
the auto-detection circuitry is disabled. If the Beta
Compensation factor is set at a beta value that is higher
than the transistor beta, the circuit may introduce
measurement errors. When measuring a discrete
thermal diode (such as 2N3904) or a CPU diode that
functions like a discrete thermal diode (such as an AMD
processor diode), the BETA<2:0> bits should be set to
‘111b’.
4.9
Resistance Error Correction (REC)
Parasitic resistance in series with the external diodes
will limit the accuracy obtainable from temperature
measurement devices. The voltage developed across
this resistance by the switching diode currents causes
the temperature measurement to read higher than the
true temperature. Contributors to series resistance are
PCB trace resistance, on die (i.e., on the processor)
metal resistance, bulk resistance in the base and emit-
ter of the temperature transistor. Typically, the error
caused by series resistance is +0.7°C per ohm. The
MCP9902/3/4 automatically corrects up to 100 ohms
of series resistance.
4.10
Programmable External Diode
Ideality Factor
The MCP9902/3/4 is designed for external diodes with
an ideality factor of 1.008. Not all external diodes,
processor or discrete, will have this exact value. This
variation of the ideality factor introduces temperature
measurement errors which must be corrected. This
correction is typically done using programmable offset
registers. Since an ideality factor mismatch introduces
an error that is a function of temperature, this correction
is only accurate within a small range of temperatures.
To provide maximum flexibility to the user, the
MCP9902/3/4 provides a 6-bit register for each external
diode where the ideality factor of the diode used is
programmed
to
eliminate
errors
across
all
temperatures.
These registers store the ideality factors that are
applied to the external diode. Table 4-3 defines each
setting and the corresponding ideality factor. Beta
Compensation and Resistance Error Correction
automatically correct for most diode ideality errors;
therefore, it is not recommended that these settings be
updated without consulting Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com