Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9902 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP9902
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP9902 Datasheet HTML 15Page - Microchip Technology MCP9902 Datasheet HTML 16Page - Microchip Technology MCP9902 Datasheet HTML 17Page - Microchip Technology MCP9902 Datasheet HTML 18Page - Microchip Technology MCP9902 Datasheet HTML 19Page - Microchip Technology MCP9902 Datasheet HTML 20Page - Microchip Technology MCP9902 Datasheet HTML 21Page - Microchip Technology MCP9902 Datasheet HTML 22Page - Microchip Technology MCP9902 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
5.6
Register Description
TABLE 5-7:
REGISTER SET IN HEXADECIMAL ORDER
Register
Address
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Por Value
00h
INT TEMP HIGH BYTE
IHB7
IHB6
IHB5
IHB4
IHB3
IHB2
IHB1
IHB0
00h
01h
EXT1 TEMP HIGH BYTE
E1HB7
E1HB6
E1HB5
E1HB4
ETHB3
E1HB2
E1HB1
E1HB0
00h
02h
STATUS
BUSY
IHIGH
ILOW
EHIGH
ELOW
FAULT
ETHRM
ITHRM
00h
03h
CONFIG
MSKAL
R/S
AT/THM
RECD1
RECD2
RANGE
DA_DIS
APDD
00h
04h
CONVERT
SLEEP
—
—
—
CONV3
CONV2
CONV1
CONV0
06h
(4/sec)
05h
INT DIODE HI LIMIT TEMP
IDHL7
IDHL6
IDHL5
IDHL4
IDHL3
IDHL2
IDHL1
IDHL0
55h
(+85°C)
06h
INT DIODE LO LIMIT TEMP
IDLL7
IDLL6
IDLL5
IDLL4
IDLL3
IDLL2
IDLL1
IDLL0
00h
(0°C)
07h
EXT1 HI LIMIT TEMP HI BYTE
E1HLH7
E1HLH6
E1HLH5
E1HLH4
E1HLH3
E1HLH2
E1HLH1
E1HLH0
55h
(+85°C)
08h
EXT1 LO LIMIT TEMP HI BYTE
E1LLH7
E1LLH6
E1LLH5
E1LLH4
E1LLH3
E1LLH2
E1LLH1
E1LLH0
00h
(0°C)
09h
CONFIG
MSKAL
R/S
AT/THM
RECD1
RECD2
RANGE
DA_DIS
APDD
00h
0Ah
CONVERT
STOP
—
—
—
CONV3
CONV2
CONV1
CONV0
06h
(4/sec)
0Bh
INT DIODE HI LIMIT TEMP
IDHL7
IDHL6
IDHL5
IDHL4
IDHL3
IDHL2
IDHL1
IDHL0
55h
(+85°C)
0Ch
INT DIODE LO LIMIT TEMP
IDLL7
IDLL6
IDLL5
IDLL4
IDLL3
IDLL2
IDLL1
IDLL0
00h
(0°C)
0Dh
EXT1 HI LIMIT TEMP HI BYTE
E1HLH7
E1HLH6
E1HLH5
E1HLH4
E1HLH3
E1HLH2
E1HLH1
E1HLH0
55h
(+85°C)
0Eh
EXT1 LO LIMIT TEMP HI BYTE
E1LLH7
E1LLH6
E1LLH5
E1LLH4
E1LLH3
E1LLH2
E1LLH1
E1LLH0
00h
(0°C)
0Fh
ONE SHOT
ONSH7
ONSH6
ONSH5
ONSH4
ONSH3
ONSH2
ONSH1
ONSH0
00h
10h
EXT1 TEMP LO BYTE
E1LB2
E1LB1
E1LB0
—
—
—
—
—00h
11h
SCRTCHPD1
SPD17
SPD16
SPD15
SPD14
SPD13
SPD12
SPD11
SPD10
00h
12h
SCRTCHPD2
SPD27
SPD26
SPD25
SPD24
SPD23
SPD22
SPD21
SPD20
00h
13h
EXT1 HI LIM TEMP LO BYTE
E1HLL2
E1HLL1
E1HLL0
—
—
—
—
—00h
14h
EXT1 LO LIMIT TEMP LO BYTE
E1LLL2
E1LLL1
E1LLL0
—
—
—
—
—00h
15h
EXT2 HI LIMIT TEMP HI BYTE
E2HLH7
E2HLH6
E2HLH5
E2HLH4
E2HLH3
E2HLH2
E2HLH1
E2HLH0
55h
(+85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com