Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9902 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP9902
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP9902 Datasheet HTML 6Page - Microchip Technology MCP9902 Datasheet HTML 7Page - Microchip Technology MCP9902 Datasheet HTML 8Page - Microchip Technology MCP9902 Datasheet HTML 9Page - Microchip Technology MCP9902 Datasheet HTML 10Page - Microchip Technology MCP9902 Datasheet HTML 11Page - Microchip Technology MCP9902 Datasheet HTML 12Page - Microchip Technology MCP9902 Datasheet HTML 13Page - Microchip Technology MCP9902 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
MCP9902/3/4
DS20005382C-page 10
 2015-2016 Microchip Technology Inc.
4.4
THERM Output
The THERM output is asserted independently of the
ALERT output and cannot be masked. Whenever any
of the measured temperatures exceed the user
programmed Therm Limit values for the programmed
number of consecutive measurements, the THERM
output is asserted. Once it has been asserted, it will
remain asserted until all measured temperatures drop
below the Therm Limit minus the Therm Hysteresis
(also programmable).
When the THERM output is asserted, the THERM
status bits will likewise be set. Reading these bits will
not clear them until the THERM output is deasserted.
Once the THERM output is deasserted, the THERM
status bits will be automatically cleared.
4.5
THERM Pin Address Decoding
The Address decode is performed by pulling known
currents from VDD through the external resistor
causing the pin voltage to drop based on the
respective current/resistor relationship. This pin
voltage is compared against a threshold that
determines the value of the pull-up resistor.
The MCP9902/3/4-A SMBus slave address is deter-
mined by the pull-up resistor on the THERM/ADDR pin
as shown in Table 4-2.
The MCP9902-1 I2C/SMBus address is hard coded to
1001_100(r/w).
The MCP9902-2 I2C/SMBus address is hard coded to
1001_101(r/w).
The MCP9903-1 I2C/SMBus address is hard coded to
1001_100(r/w).
The MCP9903-2 I2C/SMBus address is hard coded to
1001_101(r/w).
The MCP9904-1 I2C/SMBus address is hard coded to
1001_100(r/w).
The MCP9904-2 I2C/SMBus address is hard coded to
1001_101(r/w).
4.6
ALERT/THERM2 Output
4.6.1
ALERT/THERM2 PIN INTERRUPT
MODE
When configured to operate in interrupt mode, the
ALERT/THERM2 pin asserts low when an out-of-limit
measurement (> high limit or < low limit) is detected on
any diode or when an external diode fault is detected.
The ALERT/THERM2 pin will remain asserted as long
as an out-of-limit condition remains. Once the
out-of-limit
condition
has
been
removed,
the
ALERT/THERM2 pin will remain asserted until the
appropriate status bits are cleared.
The ALERT/THERM2 pin can be masked by setting
the MASK_ALL bit. Once the ALERT/THERM2 pin has
been masked, it will be deasserted and remain deas-
serted until the MASK_ALL bit is cleared by the user.
Any interrupt conditions that occur while the
ALERT/THERM2 pin is masked will update the Status
Register normally. There are also individual channel
masks (see Register 5-20).
The ALERT/THERM2 pin is used as an interrupt signal
or as an SMBus Alert signal that allows an SMBus
slave to communicate an error condition to the master.
One or more ALERT/THERM2 Outputs can be
hard-wired together.
4.6.2
ALERT/THERM2 PIN IN THERM
MODE
When the ALERT/THERM2 pin is configured to oper-
ate in THERM mode, it will be asserted if any of the
measured temperatures exceeds the respective high
limit. The ALERT/THERM2 pin will remain asserted
until all temperatures drop below the corresponding
high limit minus the Therm Hysteresis value.
When the ALERT/THERM2 pin is asserted in THERM
mode, the corresponding high limit status bits will be
set. Reading these bits will not clear them until the
ALERT/THERM2 pin is deasserted. Once the
ALERT/THERM2 pin is deasserted, the status bits will
be automatically cleared.
The MASK_ALL bit will not block the ALERT/THERM2
pin in this mode; however, the individual channel
masks (see Register 5-20) will prevent the respective
channel from asserting the ALERT/THERM2 pin.
4.6.3
DEFAULT POWER UP CONDITIONS
On power-up, the ALERT/THERM2 is disabled and the
MASK ALL (MSKAL) bit in the CONFIG register (see
Register 5-6) is set. Additionally, an artificial fault has
been placed in the device, and is enabled at power up.
The FAULT TEST (FT_TST) bit in the Fault Status reg-
ister (see Register 5-20) will allow the assertion of the
ALERT/THERM2 pin when this test mode is enabled
once MSKAL is cleared. To use the ALERT/THERM2
functions described in this section, the MSKAL bit must
be set to ‘0’, and the FT_TST bit to ‘1’ in order for the
pin to function properly.
TABLE 4-2:
I2C/SMBUS ADDRESS
DECODE
Pull Up Resistor on
THERM pin (±5%)
SMBus Address
4.7 kΩ
1111_100 (r/w)b
6.8 kΩ
1011_100 (r/w)b
10 kΩ
1001_100 (r/w)b
15 kΩ
1101_100 (r/w)b
22 kΩ
0011_100 (r/w)b
33 kΩ
0111_100 (r/w)b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com