Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9902 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP9902
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902 Datasheet(HTML) 5 Page - Microchip Technology

  MCP9902 Datasheet HTML 1Page - Microchip Technology MCP9902 Datasheet HTML 2Page - Microchip Technology MCP9902 Datasheet HTML 3Page - Microchip Technology MCP9902 Datasheet HTML 4Page - Microchip Technology MCP9902 Datasheet HTML 5Page - Microchip Technology MCP9902 Datasheet HTML 6Page - Microchip Technology MCP9902 Datasheet HTML 7Page - Microchip Technology MCP9902 Datasheet HTML 8Page - Microchip Technology MCP9902 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
 2015-2016 Microchip Technology Inc.
DS20005382C-page 5
MCP9902/3/4
FIGURE 1-1:
POR and POR Rearm With Slow Rising VDD.
Thermal Resistance, 10L-VDFN, 3x3
JA
—78
—
°C/W
Note 1:
JEDEC 2s2p, board size 76.2 x 114.3 x 1.6 mm, 1 via, airflow = 0 m/s.
1.3
Thermal Specifications
Electrical Characteristics:
Unless otherwise specified, 3.0
 VDD  3.6V at -40C  TA  +125C
Parameters
Sym.
Min.
Typ.
Max.
Units
Test Conditions
VDD
VPOR
VPORR
VSS
VSS
NPOR
TPOR(3)
POR REARM
Note 1:
When NPOR is low, the device is held in Reset.
2:
TPOR 1 s typical.
3:
TVLOW 2.7 s typical.
TVLOW(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com