Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9902 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP9902
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP9902 Datasheet HTML 23Page - Microchip Technology MCP9902 Datasheet HTML 24Page - Microchip Technology MCP9902 Datasheet HTML 25Page - Microchip Technology MCP9902 Datasheet HTML 26Page - Microchip Technology MCP9902 Datasheet HTML 27Page - Microchip Technology MCP9902 Datasheet HTML 28Page - Microchip Technology MCP9902 Datasheet HTML 29Page - Microchip Technology MCP9902 Datasheet HTML 30Page - Microchip Technology MCP9902 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
 2015-2016 Microchip Technology Inc.
DS20005382C-page 27
MCP9902/3/4
REGISTER 5-10:
EXT(N) HI LIM TEMP HB – EXTERNAL DIODE N HIGH TEMPERATURE LIMIT,
HIGH BYTE REGISTER (ADDRESSES 07H AND 0DH, 15H, 2CH)
RW-0
RW-1
RW-0
RW-1
RW-0
RW-1
RW-0
RW-1
EXT(N)_HLH<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-0
EXT(N)_HLH<7:0>
: Integer value of the External Diode n temperature reading, where N = 1 to 3
depending on device
REGISTER 5-11:
EXT(N) HI LIM LB – EXTERNAL DIODE N HIGH LIMIT TEMPERATURE, LOW
BYTE REGISTER (ADDRESSES 13H, 17H, 2EH)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
EXT(N)_HLL<2:0>
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-5
EXT(N)_HLL<2:0>
: Fractional portion of the High Limit Temperature to be added to the value at the
respective high byte registers
111
= 0.875°C
110
= 0.750°C
101
= 0.625°C
100
= 0.500°C
011
= 0.375°C
010
= 0.250°C
001
= 0.125°C
000
= 0.000°C
4-0
Unimplemented
: Read as ‘0’
REGISTER 5-12:
EXT(N) LO LIM HB – EXTERNAL DIODE N LOW LIMIT, HIGH BYTE
TEMPERATURE REGISTER (ADDRESSES 08H AND 0EH, 16H, 2DH)
RW-0
RW-1
RW-0
RW-1
RW-0
RW-1
RW-0
RW-1
EXT(N)_LLHB<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-0
EXT(N)_LLHB<7:0>
: Integer portion of External Diode n Low temperature Limit, where n = 1 to 3
depending on device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com