Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9902 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP9902
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP9902 Datasheet HTML 27Page - Microchip Technology MCP9902 Datasheet HTML 28Page - Microchip Technology MCP9902 Datasheet HTML 29Page - Microchip Technology MCP9902 Datasheet HTML 30Page - Microchip Technology MCP9902 Datasheet HTML 31Page - Microchip Technology MCP9902 Datasheet HTML 32Page - Microchip Technology MCP9902 Datasheet HTML 33Page - Microchip Technology MCP9902 Datasheet HTML 34Page - Microchip Technology MCP9902 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
 2015-2016 Microchip Technology Inc.
DS20005382C-page 31
MCP9902/3/4
REGISTER 5-20:
DIODE FAULT MASK – DIODE FAULT MASK REGISTER (ADDRESS 1FH)
U-0
U-0
U-0
U-0
RW-0
RW-0
RW-0
RW-0
—
—
—
—
E3MSK
E2MSK
E1MSK
INTMSK
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-4
Unimplemented
: Read as ‘0’
3
E3MASK
: Masks the ALERT/THERM2 pin from asserting when the External Diode 3 channel is out of
limit or reports a diode fault.
1
= The External Diode 3 channel will not cause the ALERT/THERM2 pin to be asserted if it is out of
limit or reports a diode fault.
0
= The External Diode 3 channel will cause the ALERT/THERM2 pin to be asserted if it is out of limit
or reports a diode fault.
2
E2MASK
: Masks the ALERT/THERM2 pin from asserting when the External Diode 2 channel is out of
limit or reports a diode fault.
1
= The External Diode 2 channel will not cause the ALERT/THERM2 pin to be asserted if it is out of
limit or reports a diode fault.
0
= The External Diode 2 channel will cause the ALERT/THERM2 pin to be asserted if it is out of limit
or reports a diode fault.
1
E1MASK
: Masks the ALERT/THERM2 pin from asserting when the External Diode 1 channel is out of
limit or reports a diode fault.
1
= The External Diode 1 channel will not cause the ALERT/THERM2 pin to be asserted if it is out of
limit or reports a diode fault.
0
= The External Diode 1 channel will cause the ALERT/THERM2 pin to be asserted if it is out of limit
or reports a diode fault.
0
INTMASK
: Masks the ALERT/THERM2 pin from asserting when the Internal Diode temperature is out
of limit.
1
= The Internal Diode channel will not cause the ALERT/THERM2 pin to be asserted if it is out of
limit.
0
= The Internal Diode channel will cause the ALERT/THERM2 pin to be asserted if it is out of limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com