Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9902 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP9902
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP9902 Datasheet HTML 37Page - Microchip Technology MCP9902 Datasheet HTML 38Page - Microchip Technology MCP9902 Datasheet HTML 39Page - Microchip Technology MCP9902 Datasheet HTML 40Page - Microchip Technology MCP9902 Datasheet HTML 41Page - Microchip Technology MCP9902 Datasheet HTML 42Page - Microchip Technology MCP9902 Datasheet HTML 43Page - Microchip Technology MCP9902 Datasheet HTML 44Page - Microchip Technology MCP9902 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
 2015-2016 Microchip Technology Inc.
DS20005382C-page 41
MCP9902/3/4
RECOMMENDED LAND PATTERN
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Dimension Limits
Units
CH
Optional Center Pad Width
Center Pad Chamfer
Optional Center Pad Length
Contact Pitch
X2
Y2
1.30
0.90
MILLIMETERS
0.50 BSC
MIN
E
MAX
0.28
Contact Pad Length (X8)
Contact Pad Width (X8)
Y1
X1
0.70
0.30
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing C04-2261A
NOM
8-Lead Very, Very Thin Plastic Dual Flat, No Lead Package (RW) - 2x2 mm Body [WDFN]
C
Contact Pad Spacing
2.10
Contact Pad to Contact Pad (X6)
G1
0.20
C
E
G
X1
Y1
Y2
X2
2X CH
(G2)
SILK SCREEN
1
2
8
Contact Pad to Center Pad (X8)
G1
0.25 REF
REF: Reference Dimension, usually without tolerances, for reference only.
Thermal Via Diameter
V
0.30
ØV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com