Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9902 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP9902
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP9902 Datasheet HTML 28Page - Microchip Technology MCP9902 Datasheet HTML 29Page - Microchip Technology MCP9902 Datasheet HTML 30Page - Microchip Technology MCP9902 Datasheet HTML 31Page - Microchip Technology MCP9902 Datasheet HTML 32Page - Microchip Technology MCP9902 Datasheet HTML 33Page - Microchip Technology MCP9902 Datasheet HTML 34Page - Microchip Technology MCP9902 Datasheet HTML 35Page - Microchip Technology MCP9902 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
MCP9902/3/4
DS20005382C-page 32
 2015-2016 Microchip Technology Inc.
REGISTER 5-21:
CONSEC ALERT – CONSECUTIVE ALERT REGISTER (ADDRESS 22H)
RW-0
RW-1
RW-1
RW-1
RW-0
RW-0
RW-0
U-0
TMOUT
CTHM<2:0>
CALRT<2:0>
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7
TMOUT
: Enables the time-out and idle functionality of the I2C protocol
1
= The I2C time-out and idle functionality are enabled. The I2C interface will time-out if the clock line
is held low for longer than 30 ms. Likewise, it will reset if both the data and clock lines are held high for
longer than 200 µs.
0
= The I2C time-out and idle functionality are disabled. The I2C interface will not time-out if the clock
line is held low for longer than 30ms. Likewise, it will not reset if both the data and clock lines are held
high for longer than 200 µs. This is used for I2C compliance.
6-4
CTHM<2:0>
: Determines the number of consecutive measurements that must exceed the
corresponding Therm Limit before the THERM pin is asserted
000
= 1
001
= 2
011
= 3
111
= 4
3-1
CALRT<2:0>
: Determines the number of consecutive measurements that must exceed the
corresponding Therm Limit before the ALERT/THERM2 pin is asserted
000
= 1
001
= 2
011
= 3
111
= 4
0
Unimplemented
: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com