Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9902 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP9902
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP9902 Datasheet HTML 10Page - Microchip Technology MCP9902 Datasheet HTML 11Page - Microchip Technology MCP9902 Datasheet HTML 12Page - Microchip Technology MCP9902 Datasheet HTML 13Page - Microchip Technology MCP9902 Datasheet HTML 14Page - Microchip Technology MCP9902 Datasheet HTML 15Page - Microchip Technology MCP9902 Datasheet HTML 16Page - Microchip Technology MCP9902 Datasheet HTML 17Page - Microchip Technology MCP9902 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
MCP9902/3/4
DS20005382C-page 14
 2015-2016 Microchip Technology Inc.
4.13.1
HIGH LIMIT REGISTER
The High Limit Status register contains the status bits
that are set when a temperature channel high limit is
exceeded. If any of these bits are set, then the HIGH
status bit in the Status register is set. Reading from the
High Limit Status register will clear all bits. Reading
from the register will also clear the HIGH status bit in
the Status register.
The ALERT/THERM2 pin will be set if the pro-
grammed number of consecutive alert counts have
been met and any of these status bits are set.
The status bits will remain set until read unless the
ALERT/THERM2 pin is configured as a comparator
output (see Section 4.6.2 “ALERT/THERM2 Pin In
THERM Mode”
).
4.13.2
LOW LIMIT REGISTER
The Low Limit Status register contains the status bits
that are set when a temperature channel drops below
the low limit. If any of these bits are set, then the LOW
status bit in the Status register is set. Reading from the
Low Limit Status register will clear all bits.
The ALERT/THERM2 pin will be set if the pro-
grammed number of consecutive alert counts have
been met and any of these status bits are set.
The status bits will remain set until read unless the
ALERT/THERM2 pin is configured as a comparator
output (see Section 4.6.2 “ALERT/THERM2 Pin In
THERM Mode”
).
4.13.3
THERM LIMIT REGISTER
The Therm Limit registers are used to determine
whether a critical thermal event has occurred. If the
measured temperature exceeds the Therm Limit, the
THERM pin is asserted. The limit setting must match
the chosen data format of the temperature reading
registers.
Unlike the ALERT/THERM2 pin, the THERM pin
cannot be masked. Additionally, the THERM pin will be
released once the temperature drops below the
corresponding threshold minus the Therm Hysteresis.
4.13.4
CHANNEL MASKING
The Channel Mask register (Register 5-20) controls
individual channel masking. When a channel is
masked, the ALERT/THERM2 pin will not be asserted
when the masked channel reads a diode fault or out of
limit error. The channel mask does not mask the
THERM pin.
4.14
Digital Filter
To reduce the effect of noise and temperature spikes on
the reported temperature, the External Diode channel
uses a programmable digital filter. This filter can be con-
figured as Level 1, Level 2, or Disabled (default). The
typical filter performance is shown in Figure 4-2 and
Figure 4-3. The Filter Configuration register controls the
digital filter on the External Diode 1 channel.
Note 1:
Filtering Level 1 corresponds to 4x
attenuation of a temperature spike.
2:
Filtering Level 2 corresponds to 8x
attenuation of a temperature spike.
FIGURE 4-2:
Temperature Filter Step
Response.
FIGURE 4-3:
Temperature Filter Impulse
Response.
TABLE 4-6:
FILTER SETTINGS
FILTER<1:0>
Averaging
10
0
0
Disabled (default)
0
1
Level 1
1
0
Level 1
1
1
Level 2
0
10
20
30
40
50
60
70
80
90
02468
10
12
14
Samples
Disable
d
Level 2
Level 1
0
10
20
30
40
50
60
70
80
90
02468
10
12
14
Samples
Disabled
Level 1
Level 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com