Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-E2 Datasheet(PDF) 12 Page - Cree, Inc

Part # XP-E2
Description  Cree XLamp XP-E2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E2 Datasheet(HTML) 12 Page - Cree, Inc

Back Button XP-E2 Datasheet HTML 8Page - Cree, Inc XP-E2 Datasheet HTML 9Page - Cree, Inc XP-E2 Datasheet HTML 10Page - Cree, Inc XP-E2 Datasheet HTML 11Page - Cree, Inc XP-E2 Datasheet HTML 12Page - Cree, Inc XP-E2 Datasheet HTML 13Page - Cree, Inc XP-E2 Datasheet HTML 14Page - Cree, Inc XP-E2 Datasheet HTML 15Page - Cree, Inc XP-E2 Datasheet HTML 16Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
12
12
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
12
XLamp® Xp-E2 LED
Note:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 35).
Cree XLamp XP-E2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
Color
Color bin
Minimum Luminous Flux
(lm) @ 350 mA
order Codes
Group
Flux (lm)
PC Amber
Y2
Q2
87.4
XPeBPA-L1-0000-00A01
Q3
93.9
XPeBPA-L1-0000-00B01
Q4
100
XPeBPA-L1-0000-00C01
Q5
107
XPeBPA-L1-0000-00D01
Color
Minimum Luminous
Flux (lm) @ 350 mA
dominant Wavelength (nm)
order Codes
Minimum
Maximum
Group
Flux (lm)
Group
DWL
(nm)
Group
DWL
(nm)
Amber
N4
62.0
A2
585
A3
595
XPeBAM-L1-0000-00601
A2
585
A2
590
XPeBAM-L1-0000-00602
A3
590
A3
595
XPEBAM-L1-0000-00603
P2
67.2
A2
585
A3
595
XPeBAM-L1-0000-00701
A2
585
A2
590
XPeBAM-L1-0000-00702
A3
590
A3
595
XPEBAM-L1-0000-00703
P3
73.9
A2
585
A3
595
XPeBAM-L1-0000-00801
A2
585
A2
590
XPeBAM-L1-0000-00802
A3
590
A3
595
XPEBAM-L1-0000-00803
P4
80.6
A2
585
A3
595
XPeBAM-L1-0000-00901
A3
590
A3
595
XPEBAM-L1-0000-00903
FLuX ChArACtEristiCs - CoLor (t
J = 25 °C) - ConTInued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com