Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-E2 Datasheet(PDF) 7 Page - Cree, Inc

Part # XP-E2
Description  Cree XLamp XP-E2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E2 Datasheet(HTML) 7 Page - Cree, Inc

Back Button XP-E2 Datasheet HTML 3Page - Cree, Inc XP-E2 Datasheet HTML 4Page - Cree, Inc XP-E2 Datasheet HTML 5Page - Cree, Inc XP-E2 Datasheet HTML 6Page - Cree, Inc XP-E2 Datasheet HTML 7Page - Cree, Inc XP-E2 Datasheet HTML 8Page - Cree, Inc XP-E2 Datasheet HTML 9Page - Cree, Inc XP-E2 Datasheet HTML 10Page - Cree, Inc XP-E2 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
77
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® Xp-E2 LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 35).
Cree XLamp XP-E2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
**
Calculated flux values at 700 mA and 1 A are for reference only.
Chromaticity
Minimum Luminous
Flux @ 350 mA
Calculated Minimum
Luminous Flux (lm)**
@ 85 °C**
order Codes
Kit
CCt
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
700 mA
1.0 A
70 CRI Typical
80 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
e7
3000 K
R2
114
132
195
249
XPeBWT-01-
0000-00ee7
XPeBWT-L1-
0000-00ee7
Q5
107
124
183
233
XPeBWT-01-
0000-00De7
XPeBWT-L1-
0000-00De7
XPEBWT-H1-
0000-00De7
Q4
100
116
171
218
XPeBWT-L1-
0000-00Ce7
XPEBWT-H1-
0000-00Ce7
Q3
93.9
109
161
205
XPeBWT-L1-
0000-00Be7
XPEBWT-H1-
0000-00Be7
Q2
87.4
102
150
191
XPeBWT-L1-
0000-00Ae7
XPEBWT-H1-
0000-00Ae7
XPeBWT-P1-
0000-00Ae7
XPeBWT-U1-0000-
00Ae7
P4
80.6
93.6
138
176
XPeBWT-P1-
0000-009e7
XPeBWT-U1-
0000-009e7
P3
73.9
85.8
127
161
XPeBWT-P1-
0000-008e7
XPeBWT-U1-
0000-008e7
P2
67.2
78.0
115
147
XPeBWT-P1-
0000-007e7
XPeBWT-U1-
0000-007e7
Z7
3000 K
Q5
107
124
183
233
XPeBWT-L1-
0000-00DZ7
Q4
100
116
171
218
XPeBWT-L1-
0000-00CZ7
XPEBWT-H1-
0000-00CZ7
Q3
93.9
109
161
205
XPeBWT-L1-
0000-00BZ7
XPEBWT-H1-
0000-00BZ7
Q2
87.4
102
150
191
XPeBWT-L1-
0000-00AZ7
XPEBWT-H1-
0000-00AZ7
XPeBWT-P1-
0000-00AZ7
P4
80.6
93.6
138
176
XPeBWT-P1-
0000-009Z7
XPeBWT-U1-
0000-009Z7
P3
73.9
85.8
127
161
XPeBWT-P1-
0000-008Z7
XPeBWT-U1-
0000-008Z7
P2
67.2
78.0
115
147
XPeBWT-P1-
0000-007Z7
XPeBWT-U1-
0000-007Z7
FLuX ChArACtEristiCs - WhitE (t
J = 85 °C) - ConTInued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com