Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-E2 Datasheet(PDF) 20 Page - Cree, Inc

Part # XP-E2
Description  Cree XLamp XP-E2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E2 Datasheet(HTML) 20 Page - Cree, Inc

Back Button XP-E2 Datasheet HTML 16Page - Cree, Inc XP-E2 Datasheet HTML 17Page - Cree, Inc XP-E2 Datasheet HTML 18Page - Cree, Inc XP-E2 Datasheet HTML 19Page - Cree, Inc XP-E2 Datasheet HTML 20Page - Cree, Inc XP-E2 Datasheet HTML 21Page - Cree, Inc XP-E2 Datasheet HTML 22Page - Cree, Inc XP-E2 Datasheet HTML 23Page - Cree, Inc XP-E2 Datasheet HTML 24Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
20
20
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
20
XLamp® Xp-E2 LED
thErMAL DEsiGn
The maximum forward current is determined by the thermal resistance between the LeD junction and ambient. It is crucial for the end
product to be designed in a manner that minimizes the thermal resistance from the solder point to ambient in order to optimize lamp life
and optical characteristics.
White
royal blue, blue
Green
PC Amber
Amber
red-orange, red
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
160
Ambient Temperature (ºC)
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
Thermal Design - royal blue - same as blue
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
160
Ambient Temperature (ºC)
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
Thermal Design - PC amber
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
160
Ambient Temperature (ºC)
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
Thermal Design - green
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
160
Ambient Temperature (ºC)
Rj-a = 20°C/W
Rj-a = 25°C/W
Rj-a = 30°C/W
Rj-a = 35°C/W
Thermal Design - red-orange, red
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
160
Ambient Temperature (ºC)
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
Thermal Design - amber
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
160
Ambient Temperature (ºC)
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com