Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-E2 Datasheet(PDF) 4 Page - Cree, Inc

Part # XP-E2
Description  Cree XLamp XP-E2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E2 Datasheet(HTML) 4 Page - Cree, Inc

  XP-E2 Datasheet HTML 1Page - Cree, Inc XP-E2 Datasheet HTML 2Page - Cree, Inc XP-E2 Datasheet HTML 3Page - Cree, Inc XP-E2 Datasheet HTML 4Page - Cree, Inc XP-E2 Datasheet HTML 5Page - Cree, Inc XP-E2 Datasheet HTML 6Page - Cree, Inc XP-E2 Datasheet HTML 7Page - Cree, Inc XP-E2 Datasheet HTML 8Page - Cree, Inc XP-E2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
44
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
4
XLamp® Xp-E2 LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 35).
Cree XLamp XP-E2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
**
Calculated flux values at 700 mA and 1 A are for reference only.
FLuX ChArACtEristiCs - WhitE (t
J = 85 °C)
The following tables provide order codes for XLamp XP-e2 white LeDs. For a complete description of the order code nomenclature,
please see the Bin and Order Code Formats section (page 33). For definitions of the chromaticity kits, please see the Cree’s Standard
Chromaticity Kits section (page 32).
Chromaticity
Minimum Luminous Flux @
350 mA
Calculated Minimum
Luminous Flux (lm)**
@ 85 °C
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
700 mA
1.0 A
70 CRI Typical
51
6200 K
R4
130
151
223
284
XPeBWT-L1-0000-00G51
R3
122
142
209
266
XPeBWT-L1-0000-00F51
R2
114
132
195
249
XPeBWT-L1-0000-00e51
Q5
107
124
183
233
XPeBWT-L1-0000-00D51
Q4
100
116
171
218
XPeBWT-L1-0000-00C51
53
6000 K
R4
130
151
223
284
XPEBWT-L1-0000-00G53
R3
122
142
209
266
XPEBWT-L1-0000-00F53
R2
114
132
195
249
XPEBWT-L1-0000-00E53
Q5
107
124
183
233
XPEBWT-L1-0000-00D53
Q4
100
116
171
218
XPEBWT-L1-0000-00C53
50
6200 K
R4
130
151
223
284
XPeBWT-L1-0000-00G50
R3
122
142
209
266
XPeBWT-L1-0000-00F50
R2
114
132
195
249
XPeBWT-L1-0000-00e50
Q5
107
124
183
233
XPeBWT-L1-0000-00D50
Q4
100
116
171
218
XPeBWT-L1-0000-00C50
e1
6500 K
R4
130
151
223
284
XPeBWT-L1-0000-00Ge1
R3
122
142
209
266
XPeBWT-L1-0000-00Fe1
R2
114
132
195
249
XPeBWT-L1-0000-00ee1
Q5
107
124
183
233
XPeBWT-L1-0000-00De1
Q4
100
116
171
218
XPeBWT-L1-0000-00Ce1
e2
5700 K
R4
130
151
223
284
XPeBWT-L1-0000-00Ge2
R3
122
142
209
266
XPeBWT-L1-0000-00Fe2
R2
114
132
195
249
XPeBWT-L1-0000-00ee2
Q5
107
124
183
233
XPeBWT-L1-0000-00De2
Q4
100
116
171
218
XPeBWT-L1-0000-00Ce2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com