Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-E2 Datasheet(PDF) 6 Page - Cree, Inc

Part # XP-E2
Description  Cree XLamp XP-E2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E2 Datasheet(HTML) 6 Page - Cree, Inc

Back Button XP-E2 Datasheet HTML 2Page - Cree, Inc XP-E2 Datasheet HTML 3Page - Cree, Inc XP-E2 Datasheet HTML 4Page - Cree, Inc XP-E2 Datasheet HTML 5Page - Cree, Inc XP-E2 Datasheet HTML 6Page - Cree, Inc XP-E2 Datasheet HTML 7Page - Cree, Inc XP-E2 Datasheet HTML 8Page - Cree, Inc XP-E2 Datasheet HTML 9Page - Cree, Inc XP-E2 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
66
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
6
XLamp® Xp-E2 LED
Notes:
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 35).
•
Cree XLamp XP-E2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
**
Calculated flux values at 700 mA and 1 A are for reference only.
Chromaticity
Minimum Luminous
Flux @ 350 mA
Calculated Minimum
Luminous Flux (lm)**
@ 85 °C**
order Codes
Kit
CCt
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
700 mA
1.0 A
70 CRI Typical
80 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
F6
3750 K
R3
122
142
209
266
XPeBWT-01-
0000-00FF6
R2
114
132
195
249
XPeBWT-01-
0000-00eF6
XPeBWT-L1-
0000-00eF6
Q5
107
124
183
233
XPeBWT-01-
0000-00DF6
XPeBWT-L1-
0000-00DF6
XPEBWT-H1-
0000-00DF6
Q4
100
116
171
218
XPeBWT-L1-
0000-00CF6
XPEBWT-H1-
0000-00CF6
Q3
93.9
109
161
205
XPeBWT-L1-
0000-00BF6
XPEBWT-H1-
0000-00BF6
Q2
87.4
102
150
191
XPeBWT-L1-
0000-00AF6
XPEBWT-H1-
0000-00AF6
e6
3500 K
R3
122
142
209
266
XPeBWT-01-
0000-00Fe6
R2
114
132
195
249
XPeBWT-01-
0000-00ee6
XPeBWT-L1-
0000-00ee6
Q5
107
124
183
233
XPeBWT-01-
0000-00De6
XPeBWT-L1-
0000-00De6
XPEBWT-H1-
0000-00De6
Q4
100
116
171
218
XPeBWT-L1-
0000-00Ce6
XPEBWT-H1-
0000-00Ce6
Q3
93.9
109
161
205
XPeBWT-L1-
0000-00Be6
XPEBWT-H1-
0000-00Be6
Q2
87.4
102
150
191
XPeBWT-L1-
0000-00Ae6
XPEBWT-H1-
0000-00Ae6
Z6
3500 K
Q5
107
124
183
233
XPeBWT-L1-
0000-00DZ6
Q4
100
116
171
218
XPeBWT-L1-
0000-00CZ6
XPEBWT-H1-
0000-00CZ6
Q3
93.9
109
161
205
XPeBWT-L1-
0000-00BZ6
XPEBWT-H1-
0000-00BZ6
Q2
87.4
102
150
191
XPeBWT-L1-
0000-00AZ6
XPEBWT-H1-
0000-00AZ6
F7
3250 K
R2
114
132
195
249
XPeBWT-01-
0000-00eF7
XPeBWT-L1-
0000-00eF7
Q5
107
124
183
233
XPeBWT-01-
0000-00DF7
XPeBWT-L1-
0000-00DF7
XPEBWT-H1-
0000-00DF7
Q4
100
116
171
218
XPeBWT-L1-
0000-00CF7
XPEBWT-H1-
0000-00CF7
Q3
93.9
109
161
205
XPeBWT-L1-
0000-00BF7
XPEBWT-H1-
0000-00BF7
Q2
87.4
102
150
191
XPeBWT-L1-
0000-00AF7
XPEBWT-H1-
0000-00AF7
FLuX ChArACtEristiCs - WhitE (t
J = 85 °C) - ConTInued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com