Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-E2 Datasheet(PDF) 16 Page - Cree, Inc

Part # XP-E2
Description  Cree XLamp XP-E2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E2 Datasheet(HTML) 16 Page - Cree, Inc

Back Button XP-E2 Datasheet HTML 12Page - Cree, Inc XP-E2 Datasheet HTML 13Page - Cree, Inc XP-E2 Datasheet HTML 14Page - Cree, Inc XP-E2 Datasheet HTML 15Page - Cree, Inc XP-E2 Datasheet HTML 16Page - Cree, Inc XP-E2 Datasheet HTML 17Page - Cree, Inc XP-E2 Datasheet HTML 18Page - Cree, Inc XP-E2 Datasheet HTML 19Page - Cree, Inc XP-E2 Datasheet HTML 20Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
16
16
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
16
XLamp® Xp-E2 LED
ELECtriCAL ChArACtEristiCs - WhitE (t
J = 85 °C)
ELECtriCAL ChArACtEristiCs - CoLor (t
J = 25 °C)
Electrical Characteristics (Tj = 25ºC)
0
100
200
300
400
500
600
700
800
900
1000
2.7
2.8
2.9
3.0
3.1
3.2
Forward Voltage (V)
White
Electrical Characteristics (Tj = 85ºC)
0
100
200
300
400
500
600
700
800
900
1000
2.00
2.25
2.50
2.75
3.00
3.25
3.50
3.75
4.00
Forward Voltage (V)
Royal Blue, Blue
Green
PC Amber
Amber, Red-Orange, Red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com