Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-E2 Datasheet(PDF) 25 Page - Cree, Inc

Part # XP-E2
Description  Cree XLamp XP-E2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E2 Datasheet(HTML) 25 Page - Cree, Inc

Back Button XP-E2 Datasheet HTML 21Page - Cree, Inc XP-E2 Datasheet HTML 22Page - Cree, Inc XP-E2 Datasheet HTML 23Page - Cree, Inc XP-E2 Datasheet HTML 24Page - Cree, Inc XP-E2 Datasheet HTML 25Page - Cree, Inc XP-E2 Datasheet HTML 26Page - Cree, Inc XP-E2 Datasheet HTML 27Page - Cree, Inc XP-E2 Datasheet HTML 28Page - Cree, Inc XP-E2 Datasheet HTML 29Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
25
25
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
25
XLamp® Xp-E2 LED
peRFoRMAnCe GRoups - ChRoMATICITy (ConTInued)
XLamp XP-E2 PC amber LEDs are placed into the region defined by the following bounding coordinates.
region
x
y
Y2
0.5469
0.4249
0.5700
0.4100
0.5900
0.4100
0.5610
0.4390
PErForMAnCE GrouPs - DoMinAnt WAvELEnGth
Color XLamp XP-E2 LEDs are tested for dominant wavelength (DWL) and sorted into one of the DWL bins defined below.
Color
DWL Group
Minimum dWL (nm)
@ 350 mA
Maximum dWL (nm)
@ 350 mA
Royal Blue
D3
450
455
D4
455
460
D5
460
465
Blue
B3
465
470
B4
470
475
B5
475
480
B6
480
485
Green
G2
520
525
G3
525
530
G4
530
535
Amber
A2
585
590
A3
590
595
Red-Orange
O3
610
615
O4
615
620
Red
R2
620
625
R3
625
630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com