Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-E2 Datasheet(PDF) 9 Page - Cree, Inc

Part # XP-E2
Description  Cree XLamp XP-E2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E2 Datasheet(HTML) 9 Page - Cree, Inc

Back Button XP-E2 Datasheet HTML 5Page - Cree, Inc XP-E2 Datasheet HTML 6Page - Cree, Inc XP-E2 Datasheet HTML 7Page - Cree, Inc XP-E2 Datasheet HTML 8Page - Cree, Inc XP-E2 Datasheet HTML 9Page - Cree, Inc XP-E2 Datasheet HTML 10Page - Cree, Inc XP-E2 Datasheet HTML 11Page - Cree, Inc XP-E2 Datasheet HTML 12Page - Cree, Inc XP-E2 Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
99
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
9
XLamp® Xp-E2 LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 35).
Cree XLamp XP-E2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
**
Calculated flux values at 700 mA and 1 A are for reference only.
Chromaticity
Minimum Luminous
Flux @ 350 mA
Calculated Minimum
Luminous Flux (lm)**
@ 85 °C**
order Codes
Kit
CCt
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
700 mA
1.0 A
70 CRI Typical
80 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
Z8
2700 K
Q4
100
116
171
218
XPeBWT-L1-
0000-00CZ8
Q3
93.9
109
161
205
XPeBWT-L1-
0000-00BZ8
XPEBWT-H1-
0000-00BZ8
Q2
87.4
102
150
191
XPeBWT-L1-
0000-00AZ8
XPEBWT-H1-
0000-00AZ8
P4
80.6
93.6
138
176
XPeBWT-L1-
0000-009Z8
XPEBWT-H1-
0000-009Z8
XPeBWT-P1-
0000-009Z8
P3
73.9
85.8
127
161
XPeBWT-P1-
0000-008Z8
XPeBWT-U1-
0000-008Z8
P2
67.2
78
115
147
XPeBWT-P1-
0000-007Z8
XPeBWT-U1-
0000-007Z8
N4
62
72
106
135
XPeBWT-P1-
0000-006Z8
XPeBWT-U1-
0000-006Z8
eA
2200 K
P3
73.9
85.8
127
161
XPeBWT-L1-
0000-008eA
XPEBWT-H1-
0000-008eA
P2
67.2
78
115
147
XPeBWT-L1-
0000-007eA
XPEBWT-H1-
0000-007eA
N4
62
72
106
135
XPeBWT-L1-
0000-006eA
XPEBWT-H1-
0000-006eA
ZA 2200 K
P3
73.9
85.8
127
161
XPeBWT-L1-
0000-008ZA
XPEBWT-H1-
0000-008ZA
P2
67.2
78
115
147
XPeBWT-L1-
0000-007ZA
XPEBWT-H1-
0000-007ZA
N4
62
72
106
135
XPeBWT-L1-
0000-006ZA
XPEBWT-H1-
0000-006ZA
FLuX ChArACtEristiCs - WhitE (t
J = 85 °C) - ConTInued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com