Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-E2 Datasheet(PDF) 21 Page - Cree, Inc

Part # XP-E2
Description  Cree XLamp XP-E2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E2 Datasheet(HTML) 21 Page - Cree, Inc

Back Button XP-E2 Datasheet HTML 17Page - Cree, Inc XP-E2 Datasheet HTML 18Page - Cree, Inc XP-E2 Datasheet HTML 19Page - Cree, Inc XP-E2 Datasheet HTML 20Page - Cree, Inc XP-E2 Datasheet HTML 21Page - Cree, Inc XP-E2 Datasheet HTML 22Page - Cree, Inc XP-E2 Datasheet HTML 23Page - Cree, Inc XP-E2 Datasheet HTML 24Page - Cree, Inc XP-E2 Datasheet HTML 25Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21
21
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
21
XLamp® Xp-E2 LED
PErForMAnCE GrouPs - LuMinous FLuX
XLamp XP-E2 LEDs (except royal blue) are tested for luminous flux and placed into one of the following luminous-flux groups:
Group Code
Minimum Luminous Flux
(lm) @ 350 mA
Maximum Luminous Flux
(lm) @ 350 mA
K2
30.6
35.2
K3
35.2
39.8
M2
39.8
45.7
M3
45.7
51.7
N2
51.7
56.8
N3
56.8
62.0
N4
62.0
67.2
P2
67.2
73.9
P3
73.9
80.6
P4
80.6
87.4
Q2
87.4
93.9
Q3
93.9
100
Q4
100
107
Q5
107
114
R2
114
122
R3
122
130
R4
130
139
PErForMAnCE GrouPs - rADiAnt FLuX (t
J = 25 °C)
XLamp XP-E2 royal blue LEDs are tested for radiant flux and placed into one the following bins:
Group
Minimum radiant Flux
(mW) @ 350 mA
Maximum radiant Flux
(mW) @ 350 mA
30 (J)
450
475
31 (K)
475
500
32 (L)
500
525
33 (M)
525
550
34 (N)
550
575
35 (P)
575
600
36 (Q)
600
625
37 (R)
625
650
38 (S)
650
675
39 (T)
675
700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com