Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-E2 Datasheet(PDF) 13 Page - Cree, Inc

Part # XP-E2
Description  Cree XLamp XP-E2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E2 Datasheet(HTML) 13 Page - Cree, Inc

Back Button XP-E2 Datasheet HTML 9Page - Cree, Inc XP-E2 Datasheet HTML 10Page - Cree, Inc XP-E2 Datasheet HTML 11Page - Cree, Inc XP-E2 Datasheet HTML 12Page - Cree, Inc XP-E2 Datasheet HTML 13Page - Cree, Inc XP-E2 Datasheet HTML 14Page - Cree, Inc XP-E2 Datasheet HTML 15Page - Cree, Inc XP-E2 Datasheet HTML 16Page - Cree, Inc XP-E2 Datasheet HTML 17Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13
13
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
13
XLamp® Xp-E2 LED
Note:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 35).
Cree XLamp XP-E2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
Color
Minimum Luminous
Flux (lm) @ 350 mA
dominant Wavelength (nm)
order Codes
Minimum
Maximum
Group
Flux (lm)
Group
DWL
(nm)
Group
DWL
(nm)
Red-
Orange
P2
67.2
O3
610
O4
620
XPeBRO-L1-0000-00701
O3
610
O3
615
XPeBRO-L1-0000-00702
O4
615
O4
620
XPEBRO-L1-0000-00703
P3
73.9
O3
610
O4
620
XPeBRO-L1-0000-00801
O3
610
O3
615
XPeBRO-L1-0000-00802
O4
615
O4
620
XPEBRO-L1-0000-00803
P4
80.6
O3
610
O4
620
XPeBRO-L1-0000-00901
O3
610
O3
615
XPeBRO-L1-0000-00902
O4
615
O4
620
XPEBRO-L1-0000-00903
Q2
87.4
O3
610
O4
620
XPeBRO-L1-0000-00A01
O3
610
O3
615
XPeBRO-L1-0000-00A02
O4
615
O4
620
XPEBRO-L1-0000-00A03
Q3
93.9
O3
610
O4
620
XPeBRO-L1-0000-00B01
O3
610
O3
615
XPeBRO-L1-0000-00B02
Q4
100
O3
610
O4
620
XPeBRO-L1-0000-00C01
O3
610
O3
615
XPeBRO-L1-0000-00C02
Q5
107
O3
610
O4
620
XPeBRO-L1-0000-00D01
O3
610
O3
615
XPeBRO-L1-0000-00D02
Color
Minimum Luminous
Flux (lm) @ 350 mA
dominant Wavelength (nm)
order Codes
Minimum
Maximum
Group
Flux (lm)
Group
DWL
(nm)
Group
DWL
(nm)
Red
N3
56.8
R2
620
R3
630
XPeBRD-L1-0000-00501
R2
620
R2
625
XPeBRD-L1-0000-00502
N4
62
R2
620
R3
630
XPeBRD-L1-0000-00601
R2
620
R2
625
XPeBRD-L1-0000-00602
P2
67.2
R2
620
R3
630
XPeBRD-L1-0000-00701
R2
620
R2
625
XPeBRD-L1-0000-00702
P3
73.9
R2
620
R3
630
XPeBRD-L1-0000-00801
R2
620
R2
625
XPeBRD-L1-0000-00802
P4
80.6
R2
620
R3
630
XPeBRD-L1-0000-00901
R2
620
R2
625
XPeBRD-L1-0000-00902
FLuX ChArACtEristiCs - CoLor (t
J = 25 °C) - ConTInued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com