Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-L2 Datasheet(PDF) 11 Page - Cree, Inc

Part # XP-L2
Description  Cree XLamp XP-L2 LEDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L2 Datasheet(HTML) 11 Page - Cree, Inc

Back Button XP-L2 Datasheet HTML 7Page - Cree, Inc XP-L2 Datasheet HTML 8Page - Cree, Inc XP-L2 Datasheet HTML 9Page - Cree, Inc XP-L2 Datasheet HTML 10Page - Cree, Inc XP-L2 Datasheet HTML 11Page - Cree, Inc XP-L2 Datasheet HTML 12Page - Cree, Inc XP-L2 Datasheet HTML 13Page - Cree, Inc XP-L2 Datasheet HTML 14Page - Cree, Inc XP-L2 Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology™ and
the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
11
XLamp® Xp-L2 LED
ELECtriCAL ChArACtEristiCs (t
J = 85 °C)
rELAtivE FLuX vs. CurrEnt (t
J = 85 °C)
Electrical Characteristics (Tj = 85°C)
0
500
1000
1500
2000
2500
3000
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
Forward Voltage (V)
Relative Intensity vs. Current (Tj = 85°C)
0%
50%
100%
150%
200%
250%
0
500
1000
1500
2000
2500
3000
Forward Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com