Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-L2 Datasheet(PDF) 7 Page - Cree, Inc

Part # XP-L2
Description  Cree XLamp XP-L2 LEDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L2 Datasheet(HTML) 7 Page - Cree, Inc

Back Button XP-L2 Datasheet HTML 3Page - Cree, Inc XP-L2 Datasheet HTML 4Page - Cree, Inc XP-L2 Datasheet HTML 5Page - Cree, Inc XP-L2 Datasheet HTML 6Page - Cree, Inc XP-L2 Datasheet HTML 7Page - Cree, Inc XP-L2 Datasheet HTML 8Page - Cree, Inc XP-L2 Datasheet HTML 9Page - Cree, Inc XP-L2 Datasheet HTML 10Page - Cree, Inc XP-L2 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Notes
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 21).
•
Cree XLamp XP-L2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology™ and
the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® Xp-L2 LED
Chromaticity
Minimum Luminous Flux (lm)
@ 1050 mA
order Codes
Kit
CCt
Flux bin
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
no Minimum Cri
70 Cri Minimum
80 Cri Minimum
90 Cri Minimum
DT
5700 K
v6
480
527
XPLBWT-00-0000-
0000v60DT
XPLBWT-00-0000-
000Bv60DT
v5
460
505
XPLBWT-00-0000-
0000v50DT
XPLBWT-00-0000-
000Bv50DT
v4
440
483
XPLBWT-00-0000-
0000v40DT
XPLBWT-00-0000-
000Bv40DT
v3
420
461
XPLBWT-00-0000-
000HV30DT
v2
400
439
XPLBWT-00-0000-
000HV20DT
U6
380
417
XPLBWT-00-0000-
000UU60DT
U5
360
395
XPLBWT-00-0000-
000UU50DT
Dv
5700 K
v6
480
527
XPLBWT-00-0000-
0000v60Dv
XPLBWT-00-0000-
000Bv60Dv
v5
460
505
XPLBWT-00-0000-
0000v50Dv
XPLBWT-00-0000-
000Bv50Dv
v4
440
483
XPLBWT-00-0000-
0000v40Dv
XPLBWT-00-0000-
000Bv40Dv
XPLBWT-00-0000-
000HV40DV
v3
420
461
XPLBWT-00-0000-
000HV30DV
v2
400
439
XPLBWT-00-0000-
000HV20DV
U6
380
417
XPLBWT-00-0000-
000UU60Dv
U5
360
395
XPLBWT-00-0000-
000UU50Dv
e2
5700 K
v6
480
527
XPLBWT-00-0000-
0000v60e2
XPLBWT-00-0000-
000Bv60e2
v5
460
505
XPLBWT-00-0000-
0000v50e2
XPLBWT-00-0000-
000Bv50e2
v4
440
483
XPLBWT-00-0000-
0000v40e2
XPLBWT-00-0000-
000Bv40e2
XPLBWT-00-0000-
000HV40E2
v3
420
461
XPLBWT-00-0000-
000HV30E2
v2
400
439
XPLBWT-00-0000-
000HV20E2
U6
380
417
XPLBWT-00-0000-
000UU60e2
U5
360
395
XPLBWT-00-0000-
000UU50e2
FLuX ChArACtEristiCs - Ansi orDEr CoDEs AnD bins (t
J = 85 °C) - Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com