Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-L2 Datasheet(PDF) 1 Page - Cree, Inc

Part # XP-L2
Description  Cree XLamp XP-L2 LEDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L2 Datasheet(HTML) 1 Page - Cree, Inc

  XP-L2 Datasheet HTML 1Page - Cree, Inc XP-L2 Datasheet HTML 2Page - Cree, Inc XP-L2 Datasheet HTML 3Page - Cree, Inc XP-L2 Datasheet HTML 4Page - Cree, Inc XP-L2 Datasheet HTML 5Page - Cree, Inc XP-L2 Datasheet HTML 6Page - Cree, Inc XP-L2 Datasheet HTML 7Page - Cree, Inc XP-L2 Datasheet HTML 8Page - Cree, Inc XP-L2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Product family data sheet
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite®
are registered trademarks and SC5 Technology™ and the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL
LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XP-L2 LEDs
ProDuCt DEsCriPtion
The XLamp® XP-L2 LeD is Cree’s
highest
performing
high-density
discrete LeD. Leveraging key elements
of Cree’s SC5 Technology™ Platform,
the high-power XP-L2 LeD improves the
lumen density, voltage characteristics
and reliability of the XP-L LeD in the
same 3.45  mm  x  3.45  mm package.
This best-in-class performance enables
lighting
manufacturers
to
deliver
differentiated solutions at lower system
costs for applications such as roadway,
outdoor area, spot and high-bay lighting.
FEAturEs
• Available in white, 70-CRI white, 80-CRI
white and 90-CRI white
• ANSI-compatible chromaticity bins
• Binned at 85 °C
• Maximum drive current: 3000 mA
• Low thermal resistance: 2.2 °C/W
• Wide viewing angle: 125°
• Unlimited floor life at
≤ 30 ºC/85% RH
• Reflow solderable - JEDEC J-STD-020C
• electrically neutral thermal path
• UL® recognized component (e349212)
tAbLE oF ContEnts
Characteristics ............................................2
Flux Characteristics - EasyWhite® Order
Codes and Bins ...........................................3
Flux Characteristics - ANSI Order Codes
and Bins.......................................................6
Relative Spectral Power Distribution ...... 10
Relative Flux vs. Junction Temperature.. 10
electrical Characteristics......................... 11
Relative Flux vs. Current .......................... 11
Relative Chromaticity vs. Current............ 12
Relative Chromaticity vs. Temperature... 12
Typical Spatial Distribution...................... 13
Thermal Design........................................ 13
Performance Groups - Luminous Flux.... 14
Performance Groups - Chromaticity....... 15
Cree’s EasyWhite® Kits Plotted on ANSI
Standard Chromaticity Regions .............. 16
Cree’s ANSI Kits Plotted on ANSI
Standard Chromaticity Regions .............. 17
Cree’s Standard Chromaticity Kits .......... 19
Bin and Order Code Formats................... 19
Reflow Soldering Characteristics............ 20
Notes ........................................................ 21
Mechanical Dimensions .......................... 22
Tape and Reel........................................... 23
Packaging................................................. 24


Similar Part No. - XP-L2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
More results

Similar Description - XP-L2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
XLamp XP-C LEDs
Rev 9A
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
XLamp XP-E2 LEDs
Rev 5
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
XLamp XP-E LEDs
Rev 18A
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
Cree XLamp XHP35 LEDs
Rev 1A
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
Cree XLamp XM-L2 LEDs
Rev 6F
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
Cree XLamp XP-E2 LEDs
Rev 9A
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
Cree XLamp XP-G2 LEDs
Rev 12E
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com