Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-L2 Datasheet(PDF) 20 Page - Cree, Inc

Part # XP-L2
Description  Cree XLamp XP-L2 LEDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L2 Datasheet(HTML) 20 Page - Cree, Inc

Back Button XP-L2 Datasheet HTML 16Page - Cree, Inc XP-L2 Datasheet HTML 17Page - Cree, Inc XP-L2 Datasheet HTML 18Page - Cree, Inc XP-L2 Datasheet HTML 19Page - Cree, Inc XP-L2 Datasheet HTML 20Page - Cree, Inc XP-L2 Datasheet HTML 21Page - Cree, Inc XP-L2 Datasheet HTML 22Page - Cree, Inc XP-L2 Datasheet HTML 23Page - Cree, Inc XP-L2 Datasheet HTML 24Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology™ and
the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
20
XLamp® Xp-L2 LED
rEFLoW soLDErinG ChArACtEristiCs
In testing, Cree has found XLamp XP-L2 LEDs to be compatible with JEDEC J-STD-020C, using the parameters listed below. As a general
guideline, Cree recommends that users follow the recommended soldering profile provided by the manufacturer of the solder paste used.
Note that this general guideline may not apply to all PCB designs and configurations of reflow soldering equipment.
Profile Feature
Lead-Free solder
Average Ramp-Up Rate (Ts
max to Tp)
1.2 °C/second
Preheat: Temperature Min (Ts
min)
120 °C
Preheat: Temperature Max (Ts
max)
170 °C
Preheat: Time (ts
min to tsmax)
65-150 seconds
Time Maintained Above: Temperature (T
L)
217 °C
Time Maintained Above: Time (t
L)
45-90 seconds
Peak/Classification Temperature (Tp)
235 - 245 °C
Time Within 5 °C of Actual Peak Temperature (tp)
20-40 seconds
Ramp-Down Rate
1 - 6 °C/second
Time 25 °C to Peak Temperature
4 minutes max.
Note: All temperatures refer to the topside of the package, measured on the package body surface.
IPC/JEDEC J-STD-020C
T
P
T
L
Time
t 25˚C to Peak
Preheat
ts
t
S
t
P
25
Ramp-down
Ramp-up
Critical Zone
T
L to TP
Ts
max
Ts
min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com