Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-L2 Datasheet(PDF) 13 Page - Cree, Inc

Part # XP-L2
Description  Cree XLamp XP-L2 LEDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L2 Datasheet(HTML) 13 Page - Cree, Inc

Back Button XP-L2 Datasheet HTML 9Page - Cree, Inc XP-L2 Datasheet HTML 10Page - Cree, Inc XP-L2 Datasheet HTML 11Page - Cree, Inc XP-L2 Datasheet HTML 12Page - Cree, Inc XP-L2 Datasheet HTML 13Page - Cree, Inc XP-L2 Datasheet HTML 14Page - Cree, Inc XP-L2 Datasheet HTML 15Page - Cree, Inc XP-L2 Datasheet HTML 16Page - Cree, Inc XP-L2 Datasheet HTML 17Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology™ and
the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
13
XLamp® Xp-L2 LED
tyPiCAL sPAtiAL Distribution
thErMAL DEsiGn
The maximum forward current is determined by the thermal resistance between the LED junction and ambient. It is crucial for the end
product to be designed in a manner that minimizes the thermal resistance from the solder point to ambient in order to optimize lamp life
and optical characteristics.
Typical Spatial Radiation Pattern
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)
Thermal Design
0
500
1000
1500
2000
2500
3000
3500
0
20
40
60
80
100
120
140
160
Ambient Temperature (ºC)
Rj-a = 4°C/W
Rj-a = 7°C/W
Rj-a = 10°C/W
Rj-a = 15°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com