Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-L2 Datasheet(PDF) 19 Page - Cree, Inc

Part # XP-L2
Description  Cree XLamp XP-L2 LEDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L2 Datasheet(HTML) 19 Page - Cree, Inc

Back Button XP-L2 Datasheet HTML 15Page - Cree, Inc XP-L2 Datasheet HTML 16Page - Cree, Inc XP-L2 Datasheet HTML 17Page - Cree, Inc XP-L2 Datasheet HTML 18Page - Cree, Inc XP-L2 Datasheet HTML 19Page - Cree, Inc XP-L2 Datasheet HTML 20Page - Cree, Inc XP-L2 Datasheet HTML 21Page - Cree, Inc XP-L2 Datasheet HTML 22Page - Cree, Inc XP-L2 Datasheet HTML 23Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology™ and
the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
19
XLamp® Xp-L2 LED
CrEE’s stAnDArD ChroMAtiCity Kits
The following table provides the chromaticity bins associated with chromaticity kits.
Color
CCt
Kit
Chromaticity bins
Cool
White
6500 K
CB
0A, 0B, 0C, 0D, 0R, 0S, 0T, 0U, 1A, 1B, 1C, 1D, 1R, 1S, 1T, 1U, 2A, 2B, 2C, 2D, 2R, 2S, 2T, 2U
6500 K
e1
1A, 1B, 1C, 1D
5700 K
DT
0A, 0B, 0C, 0D, 0R, 0S, 0T, 0U, 1A, 1B, 1C, 1D, 1R, 1S, 1T, 1U
5700 K
Dv
1A, 1B, 1C, 1D, 1R, 1S, 1T, 1U, 2A, 2B, 2C, 2D, 2R, 2S, 2T, 2U
5700 K
e2
2A, 2B, 2C, 2D
Neutral
White
5000 K
e3
3A, 3B, 3C, 3D
4500 K
e4
4A, 4B, 4C, 4D
4000 K
e5
5A, 5B, 5C, 5D
Warm
White
3500 K
e6
6A, 6B, 6C, 6D
3000 K
e7
7A, 7B, 7C, 7D
2700 K
e8
8A, 8B, 8C, 8D
bin AnD orDEr CoDE ForMAts
XP-L2 bin codes and order codes are configured in the following manner:
order Code
bin Code
SSSCCC-BD-HHHH-HHHNFFNNN
Series
XPL = XP-L
CRI specification
0 = No minimum CRI
B = 70 CRI minimum
H = 80 CRI minimum
U = 90 CRI minimum
Chromaticity group
Luminous flux bin
Internal code
Color
BWT = Gen 2 White
Series
XPL = XP-L
Internal code
Luminous flux group
CRI specification
0 = No minimum CRI
B = 70 CRI minimum
H = 80 CRI minimum
U = 90 CRI minimum
Internal code
Chromaticity group
Color
BWT = Gen 2 White
SSSCCC-B-WWW-FFF-GN-AAAA
order code & bin code headings and diagrams are in a table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com