Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-L2 Datasheet(PDF) 8 Page - Cree, Inc

Part # XP-L2
Description  Cree XLamp XP-L2 LEDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L2 Datasheet(HTML) 8 Page - Cree, Inc

Back Button XP-L2 Datasheet HTML 4Page - Cree, Inc XP-L2 Datasheet HTML 5Page - Cree, Inc XP-L2 Datasheet HTML 6Page - Cree, Inc XP-L2 Datasheet HTML 7Page - Cree, Inc XP-L2 Datasheet HTML 8Page - Cree, Inc XP-L2 Datasheet HTML 9Page - Cree, Inc XP-L2 Datasheet HTML 10Page - Cree, Inc XP-L2 Datasheet HTML 11Page - Cree, Inc XP-L2 Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 21).
Cree XLamp XP-L2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology™ and
the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
8
XLamp® Xp-L2 LED
Chromaticity
Minimum Luminous Flux (lm)
@ 1050 mA
order Codes
Kit
CCt
Flux bin
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
70 Cri Minimum
80 Cri Minimum
90 Cri Minimum
e3
5000 K
v6
480
527
XPLBWT-00-0000-000BV60E3
v5
460
505
XPLBWT-00-0000-000BV50E3
v4
440
483
XPLBWT-00-0000-000BV40E3
XPLBWT-00-0000-000HV40E3
v3
420
461
XPLBWT-00-0000-000HV30E3
v2
400
439
XPLBWT-00-0000-000HV20E3
U6
380
417
XPLBWT-00-0000-000UU60E3
U5
360
395
XPLBWT-00-0000-000UU50E3
e4
4500 K
v6
480
527
XPLBWT-00-0000-000BV60E4
v5
460
505
XPLBWT-00-0000-000BV50E4
v4
440
483
XPLBWT-00-0000-000BV40E4
XPLBWT-00-0000-000HV40E4
v3
420
461
XPLBWT-00-0000-000HV30E4
v2
400
439
XPLBWT-00-0000-000HV20E4
U6
380
417
XPLBWT-00-0000-000UU60E4
U5
360
395
XPLBWT-00-0000-000UU50E4
e5
4000 K
v6
480
527
XPLBWT-00-0000-000BV60E5
v5
460
505
XPLBWT-00-0000-000BV50E5
v4
440
483
XPLBWT-00-0000-000BV40E5
XPLBWT-00-0000-000HV40E5
v3
420
461
XPLBWT-00-0000-000HV30E5
v2
400
439
XPLBWT-00-0000-000HV20E5
U6
380
417
XPLBWT-00-0000-000UU60E5
U5
360
395
XPLBWT-00-0000-000UU50E5
e6
3500 K
v5
460
505
XPLBWT-00-0000-000BV50E6
v4
440
483
XPLBWT-00-0000-000BV40E6
v3
420
461
XPLBWT-00-0000-000BV30E6
XPLBWT-00-0000-000HV30E6
v2
400
439
XPLBWT-00-0000-000HV20E6
U6
380
417
XPLBWT-00-0000-000HU60E6
U5
360
395
XPLBWT-00-0000-000UU50E6
U4
340
373
XPLBWT-00-0000-000UU40E6
U3
320
351
XPLBWT-00-0000-000UU30E6
FLuX ChArACtEristiCs - Ansi orDEr CoDEs AnD bins (t
J = 85 °C) - Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com