Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-L2 Datasheet(PDF) 16 Page - Cree, Inc

Part # XP-L2
Description  Cree XLamp XP-L2 LEDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L2 Datasheet(HTML) 16 Page - Cree, Inc

Back Button XP-L2 Datasheet HTML 12Page - Cree, Inc XP-L2 Datasheet HTML 13Page - Cree, Inc XP-L2 Datasheet HTML 14Page - Cree, Inc XP-L2 Datasheet HTML 15Page - Cree, Inc XP-L2 Datasheet HTML 16Page - Cree, Inc XP-L2 Datasheet HTML 17Page - Cree, Inc XP-L2 Datasheet HTML 18Page - Cree, Inc XP-L2 Datasheet HTML 19Page - Cree, Inc XP-L2 Datasheet HTML 20Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology™ and
the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
16
XLamp® Xp-L2 LED
region
x
y
region
x
y
region
x
y
region
x
y
6A
0.3941
0.3848
6B
0.3996
0.4015
6C
0.4146
0.4089
6D
0.4080
0.3916
0.4080
0.3916
0.4146
0.4089
0.4299
0.4165
0.4221
0.3985
0.4017
0.3752
0.4080
0.3916
0.4221
0.3985
0.4147
0.3814
0.3889
0.3690
0.3941
0.3848
0.4080
0.3916
0.4017
0.3752
7A
0.4221
0.3985
7B
0.4299
0.4165
7C
0.4430
0.4212
7D
0.4342
0.4028
0.4342
0.4028
0.4430
0.4212
0.4562
0.4260
0.4465
0.4071
0.4260
0.3853
0.4342
0.4028
0.4465
0.4071
0.4373
0.3893
0.4147
0.3814
0.4221
0.3985
0.4342
0.4028
0.4260
0.3853
8A
0.4465
0.4071
8B
0.4562
0.4260
8C
0.4687
0.4289
8D
0.4582
0.4099
0.4582
0.4099
0.4687
0.4289
0.4813
0.4319
0.4700
0.4126
0.4483
0.3918
0.4582
0.4099
0.4700
0.4126
0.4593
0.3944
0.4373
0.3893
0.4465
0.4071
0.4582
0.4099
0.4483
0.3918
CrEE’s EAsyWhitE® Kits PLottED on Ansi stAnDArD ChroMAtiCity rEGions
2700 K
3000 K
3500 K
4000 K
4500 K
5000 K
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.33 0.34 0.35 0.36 0.37 0.38 0.39 0.40 0.41 0.42 0.43 0.44 0.45 0.46 0.47 0.48 0.49
CCx
ANSI C78.377 Quadrangle
EasyWhite 5-Step
EasyWhite 3-Step
EasyWhite 2-Step
PErForMAnCE GrouPs – ChroMAtiCity - ContinuED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com