Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-L2 Datasheet(PDF) 15 Page - Cree, Inc

Part # XP-L2
Description  Cree XLamp XP-L2 LEDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L2 Datasheet(HTML) 15 Page - Cree, Inc

Back Button XP-L2 Datasheet HTML 11Page - Cree, Inc XP-L2 Datasheet HTML 12Page - Cree, Inc XP-L2 Datasheet HTML 13Page - Cree, Inc XP-L2 Datasheet HTML 14Page - Cree, Inc XP-L2 Datasheet HTML 15Page - Cree, Inc XP-L2 Datasheet HTML 16Page - Cree, Inc XP-L2 Datasheet HTML 17Page - Cree, Inc XP-L2 Datasheet HTML 18Page - Cree, Inc XP-L2 Datasheet HTML 19Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology™ and
the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
15
XLamp® Xp-L2 LED
PErForMAnCE GrouPs - ChroMAtiCity
region
x
y
region
x
y
region
x
y
region
x
y
0A
0.2950
0.2970
0B
0.2920
0.3060
0C
0.2984
0.3133
0D
0.2984
0.3133
0.2920
0.3060
0.2895
0.3135
0.2962
0.3220
0.3048
0.3207
0.2984
0.3133
0.2962
0.3220
0.3028
0.3304
0.3068
0.3113
0.3009
0.3042
0.2984
0.3133
0.3048
0.3207
0.3009
0.3042
0R
0.2980
0.2880
0S
0.2895
0.3135
0T
0.2962
0.3220
0U
0.3037
0.2937
0.2950
0.2970
0.2870
0.3210
0.2937
0.3312
0.3009
0.3042
0.3009
0.3042
0.2937
0.3312
0.3005
0.3415
0.3068
0.3113
0.3037
0.2937
0.2962
0.3220
0.3028
0.3304
0.3093
0.2993
1A
0.3048
0.3207
1B
0.3028
0.3304
1C
0.3115
0.3391
1D
0.3130
0.3290
0.3130
0.3290
0.3115
0.3391
0.3205
0.3481
0.3213
0.3373
0.3144
0.3186
0.3130
0.3290
0.3213
0.3373
0.3221
0.3261
0.3068
0.3113
0.3048
0.3207
0.3130
0.3290
0.3144
0.3186
1R
0.3068
0.3113
1S
0.3005
0.3415
1T
0.3099
0.3509
1U
0.3144
0.3186
0.3144
0.3186
0.3099
0.3509
0.3196
0.3602
0.3221
0.3261
0.3161
0.3059
0.3115
0.3391
0.3205
0.3481
0.3231
0.3120
0.3093
0.2993
0.3028
0.3304
0.3115
0.3391
0.3161
0.3059
2A
0.3215
0.3350
2B
0.3207
0.3462
2C
0.3290
0.3538
2D
0.3290
0.3417
0.3290
0.3417
0.3290
0.3538
0.3376
0.3616
0.3371
0.3490
0.3290
0.3300
0.3290
0.3417
0.3371
0.3490
0.3366
0.3369
0.3222
0.3243
0.3215
0.3350
0.3290
0.3417
0.3290
0.3300
2R
0.3222
0.3243
2S
0.3196
0.3602
2T
0.3290
0.3690
2U
0.3290
0.3300
0.3290
0.3300
0.3290
0.3690
0.3381
0.3762
0.3366
0.3369
0.3290
0.3180
0.3290
0.3538
0.3376
0.3616
0.3361
0.3245
0.3231
0.3120
0.3207
0.3462
0.3290
0.3538
0.3290
0.3180
3A
0.3371
0.3490
3B
0.3376
0.3616
3C
0.3463
0.3687
3D
0.3451
0.3554
0.3451
0.3554
0.3463
0.3687
0.3551
0.3760
0.3533
0.3620
0.3440
0.3427
0.3451
0.3554
0.3533
0.3620
0.3515
0.3487
0.3366
0.3369
0.3371
0.3490
0.3451
0.3554
0.3440
0.3427
4A
0.3530
0.3597
4B
0.3548
0.3736
4C
0.3641
0.3804
4D
0.3615
0.3659
0.3615
0.3659
0.3641
0.3804
0.3736
0.3874
0.3702
0.3722
0.3590
0.3521
0.3615
0.3659
0.3702
0.3722
0.3670
0.3578
0.3512
0.3465
0.3530
0.3597
0.3615
0.3659
0.3590
0.3521
5A
0.3702
0.3722
5B
0.3736
0.3874
5C
0.3870
0.3958
5D
0.3825
0.3798
0.3825
0.3798
0.387
0.3958
0.4006
0.4044
0.3951
0.3876
0.3783
0.3646
0.3825
0.3798
0.3951
0.3876
0.3898
0.3716
0.367
0.3578
0.3702
0.3722
0.3825
0.3798
0.3783
0.3646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com