Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-L2 Datasheet(PDF) 3 Page - Cree, Inc

Part # XP-L2
Description  Cree XLamp XP-L2 LEDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L2 Datasheet(HTML) 3 Page - Cree, Inc

  XP-L2 Datasheet HTML 1Page - Cree, Inc XP-L2 Datasheet HTML 2Page - Cree, Inc XP-L2 Datasheet HTML 3Page - Cree, Inc XP-L2 Datasheet HTML 4Page - Cree, Inc XP-L2 Datasheet HTML 5Page - Cree, Inc XP-L2 Datasheet HTML 6Page - Cree, Inc XP-L2 Datasheet HTML 7Page - Cree, Inc XP-L2 Datasheet HTML 8Page - Cree, Inc XP-L2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Notes
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 21).
•
Cree XLamp XP-L2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology™ and
the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® Xp-L2 LED
FLuX ChArACtEristiCs - EAsyWhitE® orDEr CoDEs AnD bins (t
J = 85 °C)
The following table provides order codes for XLamp XP-L2 LeDs. For a complete description of the order code nomenclature, please see
the Bin and Order Code Formats section (page 19). For definitions of the chromaticity kits, please see the Cree’s Standard Chromaticity
Kits section (page 19).
nominal
CCt
Cri
Minimum Luminous Flux
@1050 mA
2-step
3-step
5-step
Min
typ
Flux
bin
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C* Group
order Code
Group
order Code
Group
order Code
5000 K
70
v6
480
527
50e
XPLBWT-00-0000-
000Bv650e
v5
460
505
XPLBWT-00-0000-
000Bv550e
v4
440
483
XPLBWT-00-0000-
000Bv450e
80
v4
440
483
50G
XPLBWT-00-0000-
000HV450G
v3
420
461
XPLBWT-00-0000-
000HV350G
v2
400
439
XPLBWT-00-0000-
000HV250G
90
U6
380
417
50G
XPLBWT-00-0000-
000UU650G
U5
360
395
XPLBWT-00-0000-
000UU550G
4500 K
70
v6
480
527
45e
XPLBWT-00-0000-
000Bv645e
v5
460
505
XPLBWT-00-0000-
000Bv545e
v4
440
483
XPLBWT-00-0000-
000Bv445e
80
v4
440
483
45G
XPLBWT-00-0000-
000HV445G
v3
420
461
XPLBWT-00-0000-
000HV345G
v2
400
439
XPLBWT-00-0000-
000HV245G
90
U6
380
417
45G
XPLBWT-00-0000-
000UU645G
U5
360
395
XPLBWT-00-0000-
000UU545G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com