Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WN0MB Datasheet(PDF) 23 Page - Microchip Technology

Part # MRF24WN0MB
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WN0MB Datasheet(HTML) 23 Page - Microchip Technology

Back Button MRF24WN0MB Datasheet HTML 19Page - Microchip Technology MRF24WN0MB Datasheet HTML 20Page - Microchip Technology MRF24WN0MB Datasheet HTML 21Page - Microchip Technology MRF24WN0MB Datasheet HTML 22Page - Microchip Technology MRF24WN0MB Datasheet HTML 23Page - Microchip Technology MRF24WN0MB Datasheet HTML 24Page - Microchip Technology MRF24WN0MB Datasheet HTML 25Page - Microchip Technology MRF24WN0MB Datasheet HTML 26Page - Microchip Technology MRF24WN0MB Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
 2015 Microchip Technology Inc.
Advance Information
DS50002410A-page 23
MRF24WN0MA/MB
This module is approved for installation into mobile
and/or portable host platforms and must not be co-
located or operating in conjunction with any other
antenna or transmitter except in accordance with
Industry Canada's multi-transmitter guidelines. End
users must be provided with transmitter operating con-
ditions for satisfying RF Exposure compliance.
4.2.3
APPROVED EXTERNAL ANTENNA
TYPES
Transmitter Antenna (from Section 7.1.2 RSS-Gen,
Issue 3, December 2010):
The MRF24WN0MA/MB module can only be sold or
operated with antennas with which it was approved.
Transmitter may be approved with multiple antenna
types. An antenna type comprises antennas having
similar in-band and out-of-band radiation patterns.
Testing shall be performed using the highest gain
antenna of each combination of transmitter and
antenna type for which approval is being sought, with
the transmitter output power set at the maximum level.
Any antenna of the same type having equal or lesser
gain as an antenna that had been successfully tested
with the transmitter, will also be considered approved
with the transmitter, and may be used and marketed
with the transmitter.
When a measurement at the antenna connector is
used to determine RF output power, the effective gain
of the device's antenna shall be stated, based on mea-
surement or on data from the antenna manufacturer.
For transmitters of output power greater than 10 milli-
watts, the total antenna gain shall be added to the mea-
sured RF output power to demonstrate compliance to
the specified radiated power limits.
Modular approval testing of the MRF24WN0MA/MB
module was performed with the antenna types listed in
Table 3-1.
4.2.4
HELPFUL WEB SITES
Industry Canada: http://www.ic.gc.ca/
4.3
Europe
The MRF24WN0MA/MB module is an R&TTE Directive
assessed radio module that is CE marked and has
been manufactured and tested with the intention of
being integrated into a final product.
The MRF24WN0MA/MB module has been tested to
R&TTE Directive 1999/5/EC Essential Requirements
for Health and Safety (Article (3.1(a)), Electromagnetic
Compatibility (EMC) (Article 3.1(b)), and Radio (Article
3.2) and are summarized in Table 3-1: European Com-
pliance Testing. A Notified Body Opinion has also been
issued. All test reports are available on the
MRF24WN0MA/MB product web page at http://
www.microchip.com.
The R&TTE Compliance Association provides guid-
ance on modular devices in document Technical
Guidance Note 01 available at
http://www.rtteca.com/html/download_area.htm.
4.3.1
LABELING AND USER
INFORMATION REQUIREMENTS
The label on the final product which contains the
MRF24WN0MA/MB module must follow CE marking
requirements. The “R&TTE Compliance Association
Technical Guidance Note 01” provides guidance on
final product CE marking.
4.3.2
EXTERNAL ANTENNA
REQUIREMENTS
From R&TTE Compliance Association document
Technical Guidance Note 01:
Provided the integrator installing an assessed
radio module with an integral or specific antenna
and installed in conformance with the radio mod-
ule manufacturer’s installation instructions
requires no further evaluation under Article 3.2
of the R&TTE Directive and does not require fur-
ther involvement of an R&TTE Directive Notified
Body for the final product. [Section 2.2.4]
The European Compliance Testing listed in
Table 4-1 was performed using the antenna types
listed in Table 3-1.
4.3.3
HELPFUL WEB SITES
A document that can be used as a starting point in
understanding the use of Short Range Devices (SRD)
in Europe is the European Radio Communications
Committee (ERC) Recommendation 70-03 E, which
can be downloaded from the European Radio Commu-
nications Office (ERO) at: http://www.ero.dk/.
Additional helpful web sites are:
• Radio and Telecommunications Terminal Equip-
ment (R&TTE):
http://ec.europa.eu/enterprise/rtte/index_en.htm
• European Conference of Postal and Telecommu-
nications Administrations (CEPT):
http://www.cept.org/
Note:
To maintain conformance to the testing
listed in Table 4-1, the module shall be
installed in accordance with the installa-
tion instructions in this data sheet and
shall not be modified.
When integrating a radio module into a
completed
product
the
integrator
becomes the manufacturer of the final
product and is therefore responsible for
demonstrating compliance of the final
product with the essential requirements of
the R&TTE Directive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com