Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WN0MB Datasheet(PDF) 16 Page - Microchip Technology

Part # MRF24WN0MB
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WN0MB Datasheet(HTML) 16 Page - Microchip Technology

Back Button MRF24WN0MB Datasheet HTML 12Page - Microchip Technology MRF24WN0MB Datasheet HTML 13Page - Microchip Technology MRF24WN0MB Datasheet HTML 14Page - Microchip Technology MRF24WN0MB Datasheet HTML 15Page - Microchip Technology MRF24WN0MB Datasheet HTML 16Page - Microchip Technology MRF24WN0MB Datasheet HTML 17Page - Microchip Technology MRF24WN0MB Datasheet HTML 18Page - Microchip Technology MRF24WN0MB Datasheet HTML 19Page - Microchip Technology MRF24WN0MB Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
MRF24WN0MA/MB
DS50002410A-page 16
Advance Information
 2015 Microchip Technology Inc.
3.2
Integral PCB Trace Antenna
For the MRF24WN0MA, the PCB antenna is fabricated
on the top copper layer and covered in solder mask.
The layers below the antenna do not have copper
trace.
It is recommended that the module is mounted on the
edge of the host PCB. It is permitted for PCB material
to be below the antenna structure of the module as long
as no copper traces or planes are on the host PCB in
that area. For best performance, place the module on
the host PCB according to the details shown in
Figure 1-6.
The antenna patterns plotted in Figure 3-2 through
Figure 3-5 are the simulated results of the PCB
antenna.
Figure 3-2 illustrates the simulation drawing. The two-
dimensional (2D) radiation pattern is illustrated in
Figure 3-3, whereas Figure 3-4 and Figure 3-5 shows
the three-dimensional (3D) radiation patterns.
The calculated average of the radiated field is shown in
Figure 3-3. The radiation pattern for the XZ plane is
shown in red, whereas the YZ plane is shown in violet.
The most powerful radiation occurs in the XZ plane as
represented by the red pattern.
Figure 3-4 shows the relative position of the 3D radia-
tion “donut” with reference to the module orientation.
This is a very useful guide for placement of the module
to obtain the maximum range.
Figure 3-5 shows the 3D radiation pattern with the col-
ored distribution of the radiation magnitude. The values
range from -9 dB to +0.3 dB. This is very useful in inter-
preting the 2D radiation pattern.
FIGURE 3-2:
PCB ANTENNA SIMULATION DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com