Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WN0MB Datasheet(PDF) 11 Page - Microchip Technology

Part # MRF24WN0MB
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WN0MB Datasheet(HTML) 11 Page - Microchip Technology

Back Button MRF24WN0MB Datasheet HTML 7Page - Microchip Technology MRF24WN0MB Datasheet HTML 8Page - Microchip Technology MRF24WN0MB Datasheet HTML 9Page - Microchip Technology MRF24WN0MB Datasheet HTML 10Page - Microchip Technology MRF24WN0MB Datasheet HTML 11Page - Microchip Technology MRF24WN0MB Datasheet HTML 12Page - Microchip Technology MRF24WN0MB Datasheet HTML 13Page - Microchip Technology MRF24WN0MB Datasheet HTML 14Page - Microchip Technology MRF24WN0MB Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
 2015 Microchip Technology Inc.
Advance Information
DS50002410A-page 11
MRF24WN0MA/MB
2.0
CIRCUIT DESCRIPTION
2.1
Overview
The MRF24WN0MA/MB module interfaces to the
PIC32 MCU via a 4-wire SPI port, Interrupt and Hiber-
nate
pins
as
illustrated
in
Figure 2-1.
The
MRF24WN0MA/MB modules are designed to work
with Microchip's MPLAB® Harmony Integrated Soft-
ware Framework. The integrated framework imple-
ments the Application Programming Interface (API)
that is used for command and control, management
and data packet traffic.
The MPLAB Harmony basic framework is available via
a free download from the Microchip web site at
http://www.microchip.com/harmony. For more informa-
tion on the basic framework and available release ver-
sions, refer to the “MPLAB Harmony Release Notes
and Contents” found under the Documentation tab.
If you are new to the MPLAB Harmony framework, visit
http://www.microchip.com/harmony and go to the
Training > Getting Started tab.
The MPLAB Harmony Help document is available for
download from the MPLAB Harmony framework direc-
tory: c:\microchip\harmony\<version>\doc.
The PIC32 input/output ports (SPI, Interrupt and Hiber-
nate) are configured in the MPLAB Harmony frame-
work configuration files as described in the MPLAB
Harmony Help document.
2.2
MODE0 and MODE1 Pins
The MODE pins must be tied to the voltage levels for
normal operation of the module. Refer to Table 2-1.
The MODE pins are sampled at power on and wake-
up. Refer to Section 2.6, "Hibernate". In the case of
SPI_CS/MODE1 pin, pull-up using a 10 k
 resistor and
the host MCU allows an active-high signal during
power on and wake-up to ensure that the module start-
up in normal operation. Once the module is
operational, the pin becomes the SPI Port Chip Select
pin (active-low).
FIGURE 2-1:
HARMONY TO MRF24WN0MA/MB BLOCK DIAGRAM
TABLE 2-1:
MODE PIN OPERATION
Pin
Condition
MODE0
Connect to GND
SPI_CS/MODE1
Connect to VDD via 10 k
pull-up resistor
Application(s)
TCP/IP Stack
Wi-Fi Driver
PLIB
PIC32
MRF24WN0MA/MB
Power
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com