Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WN0MB Datasheet(PDF) 28 Page - Microchip Technology

Part # MRF24WN0MB
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WN0MB Datasheet(HTML) 28 Page - Microchip Technology

Back Button MRF24WN0MB Datasheet HTML 24Page - Microchip Technology MRF24WN0MB Datasheet HTML 25Page - Microchip Technology MRF24WN0MB Datasheet HTML 26Page - Microchip Technology MRF24WN0MB Datasheet HTML 27Page - Microchip Technology MRF24WN0MB Datasheet HTML 28Page - Microchip Technology MRF24WN0MB Datasheet HTML 29Page - Microchip Technology MRF24WN0MB Datasheet HTML 30Page - Microchip Technology MRF24WN0MB Datasheet HTML 31Page - Microchip Technology MRF24WN0MB Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
MRF24WN0MA/MB
DS50002410A-page 28
Advance Information
 2015 Microchip Technology Inc.
Table 5-5, Table 5-6 and Table 5-7 show the frequency characteristics of the module.
VOH
High-Level Output Voltage
2.2
—
3.3
V
VOL
Low-Level Output Voltage
0
—
0.4
V
IIH
High-Level Input Current
—
—
0.1
µA
IIL
Low-Level Input Current
—
—
0.1
µA
IOH
High-Level Output
—
—
20
mA
IOL
Low-Level Output Current
—
—
20
mA
CIN
Input Capacitance
—
3
pF
Note:
Operating temperature: 25°C; Operating voltage: VDD = 3.3V
TABLE 5-4:
DC CHARACTERISTICS FOR DIGITAL IO PINS (CONTINUED)
DC CHARACTERISTICS
Operating Conditions(1)
Symbol
Parameter
Min.
Typ.
Max.
Units
TABLE 5-5:
RADIO RECEIVER CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Unit
fRX
RX input frequency range
—
2.412
—
2.472
GHz
sRF
Sensitivity
CCK
1 Mbps
—
-95.7
—
dBm
11 Mbps
—
-87.7
—
OFDM
6 Mbps
—
-92.7
—
54 Mbps
—
-75.7
—
HT20
MCS0
—
-92.7
—
MCS7
—
-72.7
—
HT40
MCS0
—
-90.7
—
MCS7
—
-69.7
—
Note 1: Performance measured at J1.
TABLE 5-6:
RADIO TRANSMITTER CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRX
TX output frequency range
—
2.412
—
2.472
GHz
pOUT
Output power(1)
802.11b mask compliant
1 Mbps
—
20.7
—
dBm
802.11g mask compliant
6 Mbps
—
20.7
—
802.11g EVM compliant
54 Mbps
—
18.8
—
802.11n HT20 mask compliant
MCS0
—
20.7
—
802.11n HT40 mask compliant
MCS0
—
18.5
—
802.11n HT20 EVM compliant
MCS7
—
18.0
—
802.11n HT40 EVM compliant
MCS7
—
18.4
—
aPC
Accuracy of power control
—
—
+/-1.5
—
dB
Note 1: Performance measured at J1.
TABLE 5-7:
SYNTHESIZER CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fC
Center channel frequency
Center frequency
at 5 MHz spacing
2.412
—
2.472
GHz
fREF
Reference oscillator frequency
+/-20 ppm
—
40
—
MHz
fSTEP
Frequency step size (at RF)
—
—
5
—
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com