Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WN0MB Datasheet(PDF) 3 Page - Microchip Technology

Part # MRF24WN0MB
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WN0MB Datasheet(HTML) 3 Page - Microchip Technology

  MRF24WN0MB Datasheet HTML 1Page - Microchip Technology MRF24WN0MB Datasheet HTML 2Page - Microchip Technology MRF24WN0MB Datasheet HTML 3Page - Microchip Technology MRF24WN0MB Datasheet HTML 4Page - Microchip Technology MRF24WN0MB Datasheet HTML 5Page - Microchip Technology MRF24WN0MB Datasheet HTML 6Page - Microchip Technology MRF24WN0MB Datasheet HTML 7Page - Microchip Technology MRF24WN0MB Datasheet HTML 8Page - Microchip Technology MRF24WN0MB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
 2015 Microchip Technology Inc.
Advance Information
DS50002410A-page 3
MRF24WN0MA/MB
1.0
DEVICE OVERVIEW
The MRF24WN0MA and MRF24WN0MB are low-
power, 2.4 GHz, IEEE 802.11n compliant, surface
mount
modules
containing
all
associated
RF
components: crystal oscillator, bypass and bias
passives with integrated MAC, baseband, RF and
power amplifier, and built-in hardware support for
encryption. Refer to Figure 1-1.
The integrated module design frees the designer from
RF and antenna design tasks and regulatory
compliance testing, ultimately providing faster time to
market.
The MRF24WN0MA/MB modules are designed to be
used with Microchip's MPLAB® Harmony Integrated
Software Framework. The integrated framework imple-
ments the Application Programming Interface (API)
that is used for command and control, management
and data packet traffic.
The MPLAB Harmony basic framework is available via
a free download from the Microchip web site at
http://www.microchip.com/harmony. For more informa-
tion on the basic framework and available release ver-
sions, refer to “MPLAB® Harmony Release Notes and
Contents” found under the Documentation tab.
The MRF24WN0MA module is approved for use with
the integrated PCB trace antenna. The MRF24WN0MB
module is approved for use with specific external
antenna types that are certified with the module. An
ultra-small coaxial connector (W.FL) is provided on the
module for connection to the external antenna. Refer to
Section 3.3, "External Antenna Types" for a listing of
approved antenna types.
The MRF24WN0MA/MB modules received the regula-
tory approvals for modular devices in the United States
(FCC) and Canada (IC). Modular approval removes the
need for expensive RF and antenna design, and
enables the end user to place the MRF24WN0MA/MB
modules inside a finished product without requiring a
regulatory testing for an intentional radiator (RF trans-
mitter).
The MRF24WN0MA/MB module is an R&TTE Directive
assessed radio module for operation in Europe. The
module tests can be applied toward final product
certification and Declaration of Conformity (DoC).
Table 1-1 lists the MFR24WN0 module’s family types.
FIGURE 1-1:
MRF24WN0MA/MB BLOCK DIAGRAM
TABLE 1-1:
MRF24WN0 FAMILY TYPES
Device
Antenna
MRF24WN0MA
Integral
MRF24WN0MB
External
Matching
Circuitry
Wi-Fi
SoC
Flash
PCB Trace
Antenna
(MRF24WN0MA)
External Antenna
Connector
(MRF24WN0MB)
Power
MRF24WN0MA/MB 2.4 GHz IEEE 802.11 b/g/n Module
SPI
Hibernate
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com