Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WN0MB Datasheet(PDF) 10 Page - Microchip Technology

Part # MRF24WN0MB
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WN0MB Datasheet(HTML) 10 Page - Microchip Technology

Back Button MRF24WN0MB Datasheet HTML 6Page - Microchip Technology MRF24WN0MB Datasheet HTML 7Page - Microchip Technology MRF24WN0MB Datasheet HTML 8Page - Microchip Technology MRF24WN0MB Datasheet HTML 9Page - Microchip Technology MRF24WN0MB Datasheet HTML 10Page - Microchip Technology MRF24WN0MB Datasheet HTML 11Page - Microchip Technology MRF24WN0MB Datasheet HTML 12Page - Microchip Technology MRF24WN0MB Datasheet HTML 13Page - Microchip Technology MRF24WN0MB Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
MRF24WN0MA/MB
DS50002410A-page 10
Advance Information
 2015 Microchip Technology Inc.
FIGURE 1-7:
MRF24WN0MA/MB HOST PCB EXAMPLE LAYOUT
1.3
Soldering Recommendations
The MRF24WN0MA/MB wireless module was assem-
bled using the IPC/JEDEC J-STD-020 Standard lead-
free reflow profile. The MRF24WN0MA/MB module
can be soldered to the host PCB using standard leaded
and lead-free solder reflow profiles.
To avoid damaging the module, adhere to the following
recommendations:
• Solder reflow recommendations are provided in
the Microchip Application Note, AN233 "Solder
Reflow Recommendation" (DS00233)
• Do not exceed a peak temperature (TP) of 250°C
• Refer to the solder paste data sheet for specific
reflow profile recommendations from the vendor
• Use no-clean flux solder paste
• Do not wash as moisture can be trapped under
the shield
• Use only one flow. If the PCB requires multiple
flows, apply the module on the final flow.
Best
Okay
Okay
Okay
No Copper
in these Areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com