Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WN0MB Datasheet(PDF) 25 Page - Microchip Technology

Part # MRF24WN0MB
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WN0MB Datasheet(HTML) 25 Page - Microchip Technology

Back Button MRF24WN0MB Datasheet HTML 21Page - Microchip Technology MRF24WN0MB Datasheet HTML 22Page - Microchip Technology MRF24WN0MB Datasheet HTML 23Page - Microchip Technology MRF24WN0MB Datasheet HTML 24Page - Microchip Technology MRF24WN0MB Datasheet HTML 25Page - Microchip Technology MRF24WN0MB Datasheet HTML 26Page - Microchip Technology MRF24WN0MB Datasheet HTML 27Page - Microchip Technology MRF24WN0MB Datasheet HTML 28Page - Microchip Technology MRF24WN0MB Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
 2015 Microchip Technology Inc.
Advance Information
DS50002410A-page 25
MRF24WN0MA/MB
4.5.1
EXTERNAL ANTENNA
REQUIREMENTS
The compliance testing listed in Table 4-1 was per-
formed using the antenna types listed in Table 3-1.
4.6
Japan
The MRF24WN0MA/MB module has received type
certification and is labeled with its own technical confor-
mity mark and certification number as required to con-
form to the technical standards regulated by the
Ministry of Internal Affairs and Communications (MIC)
of Japan pursuant to the Radio Act of Japan.
Integration of this module into a final product does not
require additional radio certification provided installa-
tion instructions are followed and no modifications of
the module are allowed. Additional testing may be
required:
• If the host product is subject to electrical appli-
ance safety (for example, powered from an AC
mains), the host product may require Product
Safety Electrical Appliance and Material (PSE)
testing. The integrator should contact their confor-
mance laboratory to determine if this testing is
required.
• There is an voluntary Electromagnetic Compatibil-
ity (EMC) test for the host product administered
by VCCI: http://www.vcci.jp/vcci_e/index.html
4.6.1
LABELING AND USER
INFORMATION REQUIREMENTS
The label on the final product which contains the
MRF24WN0MA/MB
module
must
follow
Japan
marking requirements. The integrator of the module
should refer to the labeling requirements for Japan
available at the Ministry of Internal Affairs and
Communications (MIC) website.
The MRF24WN0MA/MB module is labeled with its own
technical conformity mark and certification number.
The final product in which this module is being used
must have a label referring to the type certified module
inside:
4.6.2
EXTERNAL ANTENNA
REQUIREMENTS
The compliance testing was performed using the
antenna types listed in Table 3-1.
4.6.3
4.6.2 HELPFUL WEB SITES
Ministry of Internal Affairs and Communications (MIC):
http://www.tele.soumu.go.jp/e/index.htm
Association of Radio Industries and Businesses
(ARIB): http://www.arib.or.jp/english/
4.7
Korea
The MRF24WN0MA/MB module has received certifica-
tion of conformity in accordance with the Radio Waves
Act. Integration of this module into a final product does
not require additional radio certification provided instal-
lation instructions are followed and no modifications of
the module are allowed.
4.7.1
LABELING AND USER
INFORMATION REQUIREMENTS
The label on the final product which contains the
MRF24WN0MA/MB module must follow KC marking
requirements. The integrator of the module should refer
to the labeling requirements for Korea available on the
Korea Communications Commission (KCC) website.
The MRF24WN0MA/MB module is labeled with its own
KC mark. The final product requires the KC mark and
certificate number of the module:
4.7.2
EXTERNAL ANTENNA
REQUIREMENTS
The Korea compliance testing was performed using
the antenna types listed in Table 3-1.
4.7.3
HELPFUL WEB SITES
Korea Communications Commission (KCC):
http://www.kcc.go.kr
National Radio Research Agency (RRA):
http://rra.go.kr
Contains transmitter module with certificate number:
Pending
MSIP-CRI-029-RN4020
Pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com