Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WN0MB Datasheet(PDF) 12 Page - Microchip Technology

Part # MRF24WN0MB
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WN0MB Datasheet(HTML) 12 Page - Microchip Technology

Back Button MRF24WN0MB Datasheet HTML 8Page - Microchip Technology MRF24WN0MB Datasheet HTML 9Page - Microchip Technology MRF24WN0MB Datasheet HTML 10Page - Microchip Technology MRF24WN0MB Datasheet HTML 11Page - Microchip Technology MRF24WN0MB Datasheet HTML 12Page - Microchip Technology MRF24WN0MB Datasheet HTML 13Page - Microchip Technology MRF24WN0MB Datasheet HTML 14Page - Microchip Technology MRF24WN0MB Datasheet HTML 15Page - Microchip Technology MRF24WN0MB Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
MRF24WN0MA/MB
DS50002410A-page 12
Advance Information
 2015 Microchip Technology Inc.
2.3
SPI Port Pins
The MRF24WN0MA/MB module interfaces to the
PIC32 MCU via a 4-wire SPI port. Refer to Figure 2-2
and Table 2-2 for the necessary signaling conditions.
In the case of the SPI_CS/MODE1 pin, pull-up using a
10 k
 resistor and the host MCU allows an active-high
signal during power on and wake-up to ensure that the
module start-up in normal operation. Once the module
is operational, the pin becomes the SPI Port Chip
Select pin (active-low).
FIGURE 2-2:
SPI SLAVE INTERFACE TIMING
TABLE 2-2:
SPI SLAVE TIMING CONSTRAINTS
Parameter
Description
Min.
Max.
Unit
fPP
Clock Frequency
0
48
MHz
tWL
Clock Low Time
8.3
—
ns
tWH
Clock High Time
8.3
—
ns
tTLH
Clock Rise Time
—
2
ns
tTHL
Clock Fall Time
—
2
ns
tISU
Input Setup Time
5
—
ns
tIH
Input Hold Time
5
—
ns
tO_DLY
Output Delay
0
5
ns
Clock
MOSI
MISO
VIH
VIL
VIH
VIL
VOH
VOL
fPP
tWL
tWH
tTLH
tTHL
tISU
tIH
tO_DLY(max)
tO_DLY(min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com