Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WN0MB Datasheet(PDF) 4 Page - Microchip Technology

Part # MRF24WN0MB
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WN0MB Datasheet(HTML) 4 Page - Microchip Technology

  MRF24WN0MB Datasheet HTML 1Page - Microchip Technology MRF24WN0MB Datasheet HTML 2Page - Microchip Technology MRF24WN0MB Datasheet HTML 3Page - Microchip Technology MRF24WN0MB Datasheet HTML 4Page - Microchip Technology MRF24WN0MB Datasheet HTML 5Page - Microchip Technology MRF24WN0MB Datasheet HTML 6Page - Microchip Technology MRF24WN0MB Datasheet HTML 7Page - Microchip Technology MRF24WN0MB Datasheet HTML 8Page - Microchip Technology MRF24WN0MB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
MRF24WN0MA/MB
DS50002410A-page 4
Advance Information
 2015 Microchip Technology Inc.
1.1
Interface Description
Figure 1-2 shows the MRF24WN0MA/MB pin diagram. Table 1-2 describes the MRF24WN0MA/MB pins.
FIGURE 1-2:
MRF24WN0MA/MB PIN DIAGRAM
37 GND
GND
1
TEST
2
GND
3
VDD
4
NC
5
NC
6
NC
7
NC
8
NC
9
NC 10
NC 11
NC 12
SPI_CLK 13
SPI_MISO 14
36 GND
35 VDD
34 GND
33 NC
32 NC
31 NC
30 NC
29 NC
28 NC
27 GND
26 NC
25 NC
24 GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com