Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WN0MB Datasheet(PDF) 20 Page - Microchip Technology

Part # MRF24WN0MB
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WN0MB Datasheet(HTML) 20 Page - Microchip Technology

Back Button MRF24WN0MB Datasheet HTML 16Page - Microchip Technology MRF24WN0MB Datasheet HTML 17Page - Microchip Technology MRF24WN0MB Datasheet HTML 18Page - Microchip Technology MRF24WN0MB Datasheet HTML 19Page - Microchip Technology MRF24WN0MB Datasheet HTML 20Page - Microchip Technology MRF24WN0MB Datasheet HTML 21Page - Microchip Technology MRF24WN0MB Datasheet HTML 22Page - Microchip Technology MRF24WN0MB Datasheet HTML 23Page - Microchip Technology MRF24WN0MB Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
MRF24WN0MA/MB
DS50002410A-page 20
Advance Information
 2015 Microchip Technology Inc.
3.3
External Antenna Types
The MRF24WN0MB module has an ultra-small coaxial
connector (W.FL) for connection to the external
antenna.
The choice of antenna is limited to the antenna types in
which the module is tested and approved. For a list of
tested and approved antenna types that may be used
with the module, refer to the respective country in
Section 4.0, Regulatory Approval.
Table 3-1 lists the approved antennas types.
TABLE 3-1:
TESTED EXTERNAL
ANTENNA TYPES
Type
Gain
PCB Trace
1 dBi
Dipole
2 dBi
PIFA
-3 dBi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com