Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4955C Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4955C
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4955C Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4955C Datasheet HTML 1Page - Infineon Technologies AG TLE4955C Datasheet HTML 2Page - Infineon Technologies AG TLE4955C Datasheet HTML 3Page - Infineon Technologies AG TLE4955C Datasheet HTML 4Page - Infineon Technologies AG TLE4955C Datasheet HTML 5Page - Infineon Technologies AG TLE4955C Datasheet HTML 6Page - Infineon Technologies AG TLE4955C Datasheet HTML 7Page - Infineon Technologies AG TLE4955C Datasheet HTML 8Page - Infineon Technologies AG TLE4955C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
3
Version1.0
2016-06-15
TLE4955C
Confidential
Functional Description
1
Functional Description
The differential Hall sensor IC detects the motion of tooth and magnet encoder applications. To detect the
motion of ferromagnetic objects, the magnetic field must be provided by a back biasing permanent magnet.
Either south or north pole of the magnet can be attached to the rear unmarked side of the IC package.
The magnetic measurement is based on three equally spaced Hall elements, integrated on the IC.
Both magnetic and mechanical offsets are cancelled by a self calibration algorithm.
The sensor includes a current output PWM protocol.
1.1
Sensor Assembly
The output signals for a south biased sensor with a magnetic encoder and ferromagnetic tooth wheel will be
issued in the following way.
The tooth wheel is rotating in clockwise above the sensor. The output pulse will be issued by reaching the
hysteresis levels after the pre low time. For a tooth wheel with ideal pitch (tooth to tooth) of 5 mm the
direction signal achieves a phase shift of 90° compared to the speed signal.
Sensor and back bias magnet can be applied in the following ways:
Figure 1
Sensor Assembly and Definition of Rotating Directions
CW
S 0015
4952
N
S
S
S
S
S
N
N
N
N
S 0015
4952
GYYWW
123456
VDD
GND
CCW
CW
CCW
CW
CCW
S 0015
4952
S 0015
4952
GYYWW
123456
GND
VDD
N
S
N
S
S 0015
4952
S 0015
4952
GND
VDD
N
S
N
S
GYYWW
123456



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com