Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4955C Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4955C
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4955C Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4955C Datasheet HTML 9Page - Infineon Technologies AG TLE4955C Datasheet HTML 10Page - Infineon Technologies AG TLE4955C Datasheet HTML 11Page - Infineon Technologies AG TLE4955C Datasheet HTML 12Page - Infineon Technologies AG TLE4955C Datasheet HTML 13Page - Infineon Technologies AG TLE4955C Datasheet HTML 14Page - Infineon Technologies AG TLE4955C Datasheet HTML 15Page - Infineon Technologies AG TLE4955C Datasheet HTML 16Page - Infineon Technologies AG TLE4955C Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet
13
Version1.0
2016-06-15
TLE4955C
Confidential
Timing Characteristics
Figure 8
Definition of Rise and Fall time; Duty Cycle= (ts / T) x 100%
Table 5
Timing Characteristics
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
Pre-low length
tpre-low
26.25
30
33.75
μs
Lenght of speed pulse tS
26.25
30
33.75
μs
Length of CCW pulse
tCCW
52.5
60
67.5
μs
Length of CW pulse
tCW
105
120
135
μs
CW / CCW pulse
maximum frequency
fDR_max
1000
Hz
speed pulses
maximum frequency
fts
12000
Hz
10%
90%
50%
tr
tf
I
I
High
ILow
t
S
T
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com