Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4955C Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4955C
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4955C Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4955C Datasheet HTML 5Page - Infineon Technologies AG TLE4955C Datasheet HTML 6Page - Infineon Technologies AG TLE4955C Datasheet HTML 7Page - Infineon Technologies AG TLE4955C Datasheet HTML 8Page - Infineon Technologies AG TLE4955C Datasheet HTML 9Page - Infineon Technologies AG TLE4955C Datasheet HTML 10Page - Infineon Technologies AG TLE4955C Datasheet HTML 11Page - Infineon Technologies AG TLE4955C Datasheet HTML 12Page - Infineon Technologies AG TLE4955C Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
9
Version1.0
2016-06-15
TLE4955C
Confidential
Absolute Maximum Ratings
3
Absolute Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolutes ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit
4
ESD Robustness
Characterized according to Human Body Model (HBM) test in compliance with standard EIA/JESD22-A114-B
HBM (covers MIL STD 883D)
Table 1
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ. Max.
Supply voltage
VDD
-0.3
V
Tj <80 °C
16.5
V
Tj = 170 °C
20
V
Tj = 150 °C
22
V
t = 10x5 min.
24
V
t = 10x5 min.; RM > 75 Ω
27
V
t = 400ms, RM > 75 Ω,
-22
V
RM = 75 Ω, t <1 h
Junction
temperature
TJ; Either -40
110
°C
12500 h
or
125
°C
10000 h
or
150
°C
5000 h
or
160
°C
2500 h
or
170
°C
500 h
additional
190
°C
4 h, VDD < 16.5 V
Reverse polarity
current
I DD
-200
mA
External current limitation
required, t <4 h
-300
mA
External current limitation
required, t <1 h
-200
mA
External current limitation
required, t <10 h, Tj =25 °C
Thermal resistance
(PG-SSO-2-53)
RthJA
190
K/W
Lower values are possible with
overmolded devices
Number of power on
cycles
n
500000
cycles
Table 2
ESD Protection
Parameter
Symbol
Test Result
Unit
Note
ESD-Protection
VESD
± 12
kV
R = 1.5 kΩ, C = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com