Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4955C Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4955C
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4955C Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4955C Datasheet HTML 7Page - Infineon Technologies AG TLE4955C Datasheet HTML 8Page - Infineon Technologies AG TLE4955C Datasheet HTML 9Page - Infineon Technologies AG TLE4955C Datasheet HTML 10Page - Infineon Technologies AG TLE4955C Datasheet HTML 11Page - Infineon Technologies AG TLE4955C Datasheet HTML 12Page - Infineon Technologies AG TLE4955C Datasheet HTML 13Page - Infineon Technologies AG TLE4955C Datasheet HTML 14Page - Infineon Technologies AG TLE4955C Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
11
Version1.0
2016-06-15
TLE4955C
Confidential
Electrical Characteristics
6
Electrical Characteristics
All values specified at constant amplitude and offset of input signal, over operating range, unless otherwise
specified. Typical values correspond to VDD = 12 V and Tj = 25 °C.
Table 4
Electrical Characteristics
Parameter
Symbol
Values
Unit
Note or Test Condition
Min. Typ. Max.
Supply current low
ILow
67
8
mA
Supply current high
IHigh
12
14
16
mA
Supply current ratio
IHigh/ILow
1.9
2.2
Output rise/fall slew rate
SRr, SRf
817
26
mA/μsValid for trand tf, between
10% and 90% value RM=75 Ω,
Tj<175 °C
Reset voltage
VDDReset
3.7
4
V
Power on time1)
1) Not subject to production test, verified by design/characterization.
tON
1ms
VDD > 4 V
Magnetic edges required for
first output pulse1)
nstart
2
magn. edge No vibration, pulse occurs
only on rising magnetic edge
Number of output pulse
until active vibration
suppression via hysteresis1)
nVH-Startup
0
pulse
Active after power on
Number of output pulse
until active vibration
suppression via direction
detection1)
nVD-Startup
2
pulse
vibration suppression
activated with complete 3rd
magnetic signal period
Number of magnetic periods
generating missing output
pulses or pulse without
direction information1)
nDR-Start
1
pulse
ΔBdir > 2*ΔBdir-limitand
ΔBspeed > 2*ΔBspeed-limit
3
pulse
ΔBdir-limit < ΔBdir < 2*ΔBdir-limit
or ΔBspeed-limit < ΔBspeed <
2*ΔBspeed-limit 2)
2) Either condition or both simultaneously need to be applied.
Invalid direction after
change of direction1)
nIAC
1
pulse
2nd pulse correct if ΔBdir >
ΔBdir-limit
Period Jitter1), f ≤ 2500 Hz
SJit-far, Tj≤150 °C
± 1.6 %
1σ value3), VDD=12 V, ΔBspeed
>2mT (amplitude)
3) Values based on 3σ measurements.
SJit-far, Tj≤170 °C
± 2.4 %
Period Jitter1), 2500Hz< f <
12 kHz
SJit-far, Tj≤150 °C
± 2.7 %
1σ value5), VDD=12 V,
ΔBspeed>2mT (amplitude)
SJit-far, Tj≤170 °C
± 4.0 %
Period Jitter at board net
ripple1)
SJit-AC
±2.0 %
VCC= 13 V + 3 Vpp;
1σ; 0< fmod<150 kHz;
ΔBspeed=7.5 mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com