Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4955C Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4955C
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4955C Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4955C Datasheet HTML 4Page - Infineon Technologies AG TLE4955C Datasheet HTML 5Page - Infineon Technologies AG TLE4955C Datasheet HTML 6Page - Infineon Technologies AG TLE4955C Datasheet HTML 7Page - Infineon Technologies AG TLE4955C Datasheet HTML 8Page - Infineon Technologies AG TLE4955C Datasheet HTML 9Page - Infineon Technologies AG TLE4955C Datasheet HTML 10Page - Infineon Technologies AG TLE4955C Datasheet HTML 11Page - Infineon Technologies AG TLE4955C Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Data Sheet
8
Version1.0
2016-06-15
TLE4955C
Confidential
Operating Modes and States
2.3
Direction Detection
The difference between the Hall element signal B3 and the mean value of the outer Hall elements B2 and B1 will
be calculated in the direction input amplifier. This signal is digitized by an analog to digital converter
(direction ADC) and fed into the digital core.
Depending upon the rotation direction of the target wheel, the signal of the center probe anticipates or lags
behind for 90°. This phase relationship is evaluated and converted into rotation direction information by
sampling the signal of the center probe in the proximity of the zero crossing of the “speed” bridge signal.
The first pulse after power on is a speed pulse, as there is no valid direction information available.
2.4
Vibration Suppression
The magnetic signal amplitude and the direction information are used for detection of parasitic magnetic
signals. Unwanted magnetic signal can be caused by angular or air gap vibrations. If an input signal is
identified as a vibration the output pulse will be suppressed.
TLE4955C offers two different kinds of vibration suppression:
• Vibration suppression via hysteresis. This is available after power on
• Vibration suppression via direction detection. This is available after start up calibration is performed.
2.5
Undervoltage Behavior
At the first switching events after power on the undervoltage detection is activated.
If the supply voltage drops below the values specified in operating range, an active output (defined state) will
be generated. The output level is switched to high current (IHigh) and it remains at this level until the supply
voltage reaches again the functional level.
Figure 6
Undervoltage Behavior
If the supply voltage is below 2.3 V typical the sensor will reset and initiate a new calibration.
VDD
on IC leads
VDD
on IC
leads
current
1st switching enables
VDD reset
VDD voltage drops due to
increased current throught R M
switches to Ihigh
due to undervoltage
The sensor starts with
power on process
Startup
Mode
Operating Mode
Undervoltage
Operating Mode
Release
pre -low bit
IHigh
ILow
VReset
IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com