Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4955C Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4955C
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4955C Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4955C Datasheet HTML 10Page - Infineon Technologies AG TLE4955C Datasheet HTML 11Page - Infineon Technologies AG TLE4955C Datasheet HTML 12Page - Infineon Technologies AG TLE4955C Datasheet HTML 13Page - Infineon Technologies AG TLE4955C Datasheet HTML 14Page - Infineon Technologies AG TLE4955C Datasheet HTML 15Page - Infineon Technologies AG TLE4955C Datasheet HTML 16Page - Infineon Technologies AG TLE4955C Datasheet HTML 17Page - Infineon Technologies AG TLE4955C Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Data Sheet
14
Version1.0
2016-06-15
TLE4955C
Confidential
Electromagnetic Compatibility
8
Electromagnetic Compatibility
Electromagnetic Compatibility (values depends on RM!). See Figure 9
Note:
Characterization of Electro Magnetic Compatibility is carried out on samples based on one
qualification lot. Not all specification parameters have been monitored during EMC exposure. Only
key parameters e.g. switching current have been monitored.
Table 6
Conducted Pulses
REF. ISO 7637-2; 2004; ΔBspeed = 2 mT (amplitude of sinus signal); VDD = 13.5V; fB = 100 Hz; Tj = 25 °C; RM =75 Ω
Parameter
Symbol
Level/Type
Status
Testpulse 1
VEMC
IV / -100 V
C
Testpulse 2a1)
1) ISO 7637-2 describes internal resistance = 2 Ω (former 10 Ω)
IV / 75 V
A2)
2) Node A does not exceed 27 V clamping voltage of D2 in any case; Design target!
Testpulse 2b
- / 10 V
C3)
3) Ri=0.01 Ω
Testpulse 3a
IV / -150 V
A
Testpulse 3b
IV / 100 V
A
Testpulse 44)
4) Testpulse4 tested for VDD=12 V
IV / -7 V
C
Testpulse 5a
IV / 86.5 V
C
Testpulse 5b
Us*=28.5 V5)
5) A central load dump protection of 42 V is used. Us*=42 V-13.5 V
C
Table 7
Coupled Pulses
REF. ISO 7637-3; 1995; ΔBspeed=2 mT (amplitude of sinus signal);
VDD=13.5 V; fB=100 Hz; Tj=25 °C; RM=75 Ω
Parameter
Symbol
Level/Typ
Status
Testpulse 3a
IV / -60 V
A
Testpulse 3b
IV / 40 V
A
Table 8
TEM-cell measurement
REF. ISO 11452-3, 2nd edition 2001-03-01; measured in TEM-cell; ΔBspeed = 2 mT (amplitude of sinus signal)
VDD = 13.5 V; fB=100 Hz; T =25°C; RM=75 Ω
Parameter
Symbol
Level/Typ
Status
ETemCell
IV / 250 V/m
CW; AM=80%, f=1
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com